Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3216 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 4 Page - Linear Technology

  LTC3216 Datasheet HTML 1Page - Linear Technology LTC3216 Datasheet HTML 2Page - Linear Technology LTC3216 Datasheet HTML 3Page - Linear Technology LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3216
4
3216fc
TYPICAL PERFORMANCE CHARACTERISTICS
Input Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Supply Voltage
Efficiency vs VIN
ISET/ILED Current Ratio vs ILED
Current
1.5x Mode CPO Output Ripple
1x Mode Charge Pump Open-
Loop Output Resistance vs
Temperature
1.5x Mode Charge Pump
Open-Loop Output Resistance
(1.5VIN – VCPO)/ICPO vs Temperature
2x Mode Charge Pump
Open-Loop Output Resistance
(2VIN – VCPO)/ICPO vs Temperature
(TA = 25°C unless otherwise specified)
TEMPERATURE (°C)
–40
35
85
3216 G04
–15
10
60
0.31
0.29
0.27
0.25
0.23
0.21
0.19
0.17
0.15
ICPO = 200mA
VIN = 3.6V
VIN = 3.3V
VIN = 3.9V
TEMPERATURE (°C)
–40
10
60
85
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3216 G05
–15
35
VIN = 3V
VCPO = 4.2V
CIN = C1 = C2 = 2.2μF
CCPO = 4.7μF
–40
10
60
85
–15
35
TEMPERATURE (°C)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3216 G06
VIN = 3V
VCPO = 4.8V
CIN = C1 = C2 = 2.2μF
CCPO = 4.7μF
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3216 G07
INPUT VOLTAGE (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
TA = 85°C
TA = –40°C
TA = 25°C
930
920
910
900
890
880
870
860
850
840
3216 G08
SUPPLY VOLTAGE (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
TA = 85°C
TA = –40°C
TA = 25°C
VIN (V)
2.8
100
90
80
70
60
50
40
30
20
10
0
3.2
3.6
3.8
3216 G09
3.0
3.4
4.0
4.2
4.4
LED = LXCL-PWF1 LUMILEDS
600mA
ILED = 800mA
400mA
200mA
ILED CURRENT(mA)
0
200
400 500
900
3216 G10
100
300
600 700 800
3400
3350
3300
3250
3200
3150
3100
TA = 85°C
TA = –40°C
TA = 25°C
3216 G11
VCPO
50mV/DIV
A/C COUPLED
500ns/DIV
VIN = 3.6V
ICPO = 200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com