Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1752 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1752
Description  ST72324 QUICK REFERENCE NOTE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1752 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1752 Datasheet HTML 1Page - STMicroelectronics AN1752 Datasheet HTML 2Page - STMicroelectronics AN1752 Datasheet HTML 3Page - STMicroelectronics AN1752 Datasheet HTML 4Page - STMicroelectronics AN1752 Datasheet HTML 5Page - STMicroelectronics AN1752 Datasheet HTML 6Page - STMicroelectronics AN1752 Datasheet HTML 7Page - STMicroelectronics AN1752 Datasheet HTML 8Page - STMicroelectronics AN1752 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
ST72324 QUICK REFERENCE NOTE
devices on your application board and a Beep Out option which generates 3 selectable
frequencies at a 50% duty cycle.
Useful Tips:
Calibrating Peripheral Parameters for Internal RC Oscillator
Peripherals like the Timer, SCI etc. which depend upon time
calculation, can be calibrated by determining the Internal RC accuracy
error.
For more information, refer to:
AN1530: Accurate Timebase for low cost ST7 applications with Internal
RC oscillator
2.3 INTEGRATED FEATURES FOR MORE RELIABILITY
The system integrity module consists of the Low Voltage Detector (LVD) and Auxiliary Voltage
Detector (AVD).
s
LVD secures the power up and power down stages by keeping the MCU in reset state. There
is no need for an external reset generator.
s
AVD generates an interrupt when the voltage crosses the threshold voltage. This interrupt
can be used as an early warning of an imminent LVD reset so software can perform a safe
shut down.
Useful Tips:
Safe Shutdown with AVD Interrupt
Using the AVD interrupt, the application can store the application
context in emulated Data EEPROM before the LVD generates a reset.
For more information, refer to:
AN1502: Emulated Data EEPROM with ST7 HDFlash memory
2.4 NESTED INTERRUPTS
Nested or concurrent interrupt management with:
s
Flexible interrupt priority and level management.
s
Up to 4 software programmable nesting levels.
This allows easy implementation of a priority based interrupt driven architecture. The device
also has 4 vectors for external interrupts which allows for fast and flexible implementation of
external interrupt handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com