Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1754 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1754
Description  DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1754 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1754 Datasheet HTML 1Page - STMicroelectronics AN1754 Datasheet HTML 2Page - STMicroelectronics AN1754 Datasheet HTML 3Page - STMicroelectronics AN1754 Datasheet HTML 4Page - STMicroelectronics AN1754 Datasheet HTML 5Page - STMicroelectronics AN1754 Datasheet HTML 6Page - STMicroelectronics AN1754 Datasheet HTML 7Page - STMicroelectronics AN1754 Datasheet HTML 8Page - STMicroelectronics AN1754 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/19
DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
1 SYSTEM HARDWARE AND SOFTWARE REQUIREMENTS
The hardware interface between the parallel port and the ICC (HE10) connector is the ST7
STICK. A block diagram of the set-up is shown in Figure 1.
Figure 1. Data Logging hardware setup
The PC software has been developed using the Microsoft Visual C++ 6.0 environment and the
ST7 software example is compatible with both Cosmic and Metrowerks C compilers. The soft-
ware has been tested with the A/D converter application on the ST72F264 and ST72F521.
The ICC monitor embedded in the ST72F264 is the advanced variant (it has additional com-
mands), the ICC monitor embedded in ST72F521 is the basic variant. The software example
works with both variants.
The process of data logging developed in this application takes advantage of the fact that
even when the ST7 is in ICC mode, it can execute the user code programmed in Flash
memory as well as the ICC commands embedded in BootROM/Sysmem.
ST7 STICK
PC COMPUTER
STVP7 DLL
ST7
APPLICATION
BOARD
(ICC ADAPTER)
PARALLEL PORT
ICC(HE10)
INTERFACE
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com