Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1830 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1830
Description  ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1830 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1830 Datasheet HTML 5Page - STMicroelectronics AN1830 Datasheet HTML 6Page - STMicroelectronics AN1830 Datasheet HTML 7Page - STMicroelectronics AN1830 Datasheet HTML 8Page - STMicroelectronics AN1830 Datasheet HTML 9Page - STMicroelectronics AN1830 Datasheet HTML 10Page - STMicroelectronics AN1830 Datasheet HTML 11Page - STMicroelectronics AN1830 Datasheet HTML 12Page - STMicroelectronics AN1830 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
Figure 5 Averaging Algorithm
Table 4 is for reference only, representing the relation between the number of samples and
the accuracy. After 25 samples, it shows an LSB accuracy of 2. The number of samples to
choose depends on the application (noise level and timing) as these two are directly propor-
tional. The disadvantage of having too many samples is that it takes more time to convert the
data.
Table 4 Number of Samples vs. Accuracy
Number of Samples
Accuracy in LSB
10
4
20
3
25
2
30
2
40
2
50
2
START
Initialize ADC variables, and select analog channel,
Total = 0
Start ADC
Read the ADC output registers after End of conversion
Add read value to Total
Num. of Conv.
= N?
yes
no
Average = Total / N
Use the Result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com