Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2030 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2030
Description  BACK EMF DETECTION DURING PWM ON TIME BY ST7MC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2030 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2030 Datasheet HTML 4Page - STMicroelectronics AN2030 Datasheet HTML 5Page - STMicroelectronics AN2030 Datasheet HTML 6Page - STMicroelectronics AN2030 Datasheet HTML 7Page - STMicroelectronics AN2030 Datasheet HTML 8Page - STMicroelectronics AN2030 Datasheet HTML 9Page - STMicroelectronics AN2030 Datasheet HTML 10Page - STMicroelectronics AN2030 Datasheet HTML 11Page - STMicroelectronics AN2030 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8/13
BACK EMF DETECTION DURING PWM ON TIME BY ST7MC
Table 1. Table Resistor selection
It is preferred to use 1% resistors. But the performance will be acceptable using 5% resistors.
D16, D17, D18, R45, R51, and R55 in the starter kit can be removed if this new scheme is
used.
Figure 8 shows the comparison of back EMF detection during off time vs on time. If the back
EMF is detected during off, there is no attenuation. The signal is clamped at 5v. If the back
EMF is detected during PWM on time, the signal is attenuated.
Figure 8. (A) Waveforms for back EMF detection during PWM off time; (B) waveforms for
back EMF detection during PWM on time.
Figure 9 shows the detailed waveform of the zero crossing when the back EMF is detected
during PWM on time. From the waveform, we can see that the zero crossing is detected at the
end of PWM on time.
Vdc (V)
R4 (k)
R5(k)
R6(k)
R7(k)
R8(k)
R9(k)
Vref(V)
12
100
100
100
150
4.3
36
2.27
24
33
33
33
160
4.7
15
2.00
48
16
16
16
240
18
12
2.13
165
4.7
4.7
4.7
330
2.7
4.7
2.30
330
2.2
2.2
2.2
430
330
5.1
2.20
(A)
(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com