| Electronic Components Datasheet Search |
|
AN2036 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2036 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() 1/7 November 2004 AN2036 APPLICATION NOTE Solderability Tests Lead-free devices, from STMicroelectronics, are warranted to pass the solderability tests, and to form a reliable solder joint with the base material of the circuit board, using Leaded (Sn-Pb) solder or Lead-free (Sn-Ag-Cu) solder. This document describes the context of this assertion. ST Lead-free devices conform to the ECOPACK® 7191395 specification from ST. This, in turn, complies with the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU, and with the IPC/JEDEC 020 standard for resistance to soldering heat and soldering process. These devices have to be solderable with both Leaded materials and processes, and with Lead-free ma- terials and processes. With a composition close to the ternary eutectic composition (Table 1.), the Tin- Silver-Copper (Sn-Ag-Cu) alloy is considered as the standard lead-free material. Only Tin-Bismuth coated devices are not tested in Tin-Lead solder. This is because the Tin-Bismuth coating is not recommended for mixing with Tin-Lead solder, for board mounting, due to a reliability risk on the solder joints. Table 1. Solder Composition for Solderability Tests There are two kinds of tests that are applied to evaluate such ability of a surface to be wetted: ■ Dip and Look ■ Wetting Balance Both tests are well known, and applied, worldwide. However, different methods are often used (such as MIL standard 883-2003, JEDEC J-STD-002, JESD22-B102 and IEC 60749-21). The ones chosen by ST are intended to cover the ones that are in most widespread use by our customers. In these tests, the packages are “aged”, in order to test the solderability under the worst conditions and to warrant at least 2 years of storage with no significant degradation of solderability. Solder Composition Range (% weight) Lead-free Tin 94.6 to 96.6 Silver 3.0 to 4.3 Copper 0.4 to 1.1 SnPb Tin 60 to 64 Lead 36 to 40 |
Similar Part No. - AN2036 |
|
Similar Description - AN2036 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |