Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6345GS Datasheet(PDF) 2 Page - NEC

Part # UPD6345GS
Description  8 BIT SERIAL IN/PARALLEL OUT DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6345GS Datasheet(HTML) 2 Page - NEC

  UPD6345GS Datasheet HTML 1Page - NEC UPD6345GS Datasheet HTML 2Page - NEC UPD6345GS Datasheet HTML 3Page - NEC UPD6345GS Datasheet HTML 4Page - NEC UPD6345GS Datasheet HTML 5Page - NEC UPD6345GS Datasheet HTML 6Page - NEC UPD6345GS Datasheet HTML 7Page - NEC UPD6345GS Datasheet HTML 8Page - NEC UPD6345GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
µPD6345
2
PIN CONFIGURATION (Top View)
PIN IDENTIFICATION
Pin No.
Symbol
Pin name
Input/Output
Function
1
GND
Ground
Connection to Ground (GND) of system.
2
EN
Output Enable
Input
When this pin is low or open, all outputs are OFF, and data is output
during high.
3
LAT
Latch Enable
Input
When this pin is low or open, data is latched and data is through to
output during high.
4
SO
Serial data Output
Output
Serial data is output on positive-going transition of the clock.
In case of connection to cascade additional device (
µPD6345), this
pin will be connected to SIN terminal of additional device.
5 to 12
O8 to O1
Driver Output
Output
High Voltage and Current Driver Outputs.
13
SIN
Serial data Input
Input
Data is loaded to shift register on positive-going transition.
14
SCK
Clock
Input
Data of SIN is loaded to shift register on positive-going transition of
SCK. Also, serial data is output from SO on positive-going transition
of SCK.
15
RES
Reset
Input
When this pin is low or open, data of shift register is all cleared, and
this device operate normally during high.
16
VDD
Power Supply
Normally supply 5 V.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VSS
EN
LAT
SO
O8
O7
O6
O5
VDD
RES
SCK
SIN
O1
O2
O3
O4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16