Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3408 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3408
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3408 Datasheet(HTML) 2 Page - Linear Technology

  LTC3408 Datasheet HTML 1Page - Linear Technology LTC3408 Datasheet HTML 2Page - Linear Technology LTC3408 Datasheet HTML 3Page - Linear Technology LTC3408 Datasheet HTML 4Page - Linear Technology LTC3408 Datasheet HTML 5Page - Linear Technology LTC3408 Datasheet HTML 6Page - Linear Technology LTC3408 Datasheet HTML 7Page - Linear Technology LTC3408 Datasheet HTML 8Page - Linear Technology LTC3408 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC3408
3408f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Regulated Output Voltage
VREF = 1.1V
●
3.23
3.3
3.37
V
VREF = 0.1V
●
0.25
0.3
0.35
V
∆VOUT
Output Voltage Line Regulation
VIN = 2.5V to 5V, VREF = 0.6V
●
0.1
0.4
%/V
IPK
Peak Inductor Current
VIN = 3V, VREF = 0.9V
0.70
1
1.25
A
VLOADREG
Output Voltage Load Regulation
0.7
%
VIN
Input Voltage Range
●
2.5
5
V
IS
Input Current
VRUN = 1.2V, SW = Open
1.5
2.5
mA
Shutdown Current
VRUN = 0V, SW = Open
0.1
1
µA
fOSC
Oscillator Frequency
VREF≥ 0.25V
●
1.2
1.5
1.8
MHz
VREF ≤ 0.1V
550
700
850
kHz
VREF
Bypass PFET Turn-Off Threshold
VREF =
1.167
1.2
V
Bypass PFET Turn-On Threshold
VREF =
1.21
1.26
V
RPFET
RDS(ON) of P-Channel FET
ISW = 160mA, Wafer Level
0.3
0.4
Ω
ISW = 160mA, DD Package
0.4
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = –160mA, Wafer Level
0.3
0.4
Ω
ISW = –160mA, DD Package
0.4
Ω
RBYPASS
RDS(ON) of Bypass P-Channel FET
IOUT = 100mA, VIN = 3V, Wafer Level
0.05
0.08
Ω
IOUT = 100mA, VIN = 3V, DD Package (Note 4)
0.08
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.01
±1
µA
ILBYP
Bypass PFET Leakage
VOUT = 0V, VIN = 5V, VREF = 0V
±0.01
±1
µA
VRUN
RUN Threshold
●
0.3
1
1.5
V
IRUN
RUN Input Current
VRUN = 0V or 2.5V
●
±0.01
±1
µA
IREF
REF Input Current
●
±0.01
±1
µA
Input Supply Voltage (< 300
µs) .................. –0.3V to 6V
Input Supply Voltage (DC) ....................... – 0.3V to 5.5V
RUN, REF, VOUT Voltages .......................... – 0.3V to VIN
SW Voltage (DC) ......................... – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current (DC) ............. 800mA
N-Channel Switch Sink Current (DC) ................. 800mA
Peak SW Sink and Source Current ........................ 1.3A
Bypass P-Channel FET Source Current (DC) .............. 1A
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
LTC3408EDD
ORDER PART
NUMBER
DD PART MARKING
LAEA
TJMAX = 125°C, θJA = 43°C/ W, θJC = 3°C/ W
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25
°C.
VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
8
7
6
5
1
2
3
4
VOUT
VIN
REF
RUN
VOUT
VIN
GND
SW
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
EXPOSED PAD IS GND (PIN 9)
MUST BE SOLDERED TO PCB
9
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3408E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3408: TJ = TA + (PD)(43°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com