Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC2G126 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74ALVC2G126
Description  Dual Bus Buffer with 3-state Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G126 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74ALVC2G126_15 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G126_15 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G126_15 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G126_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G126_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G126_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G126_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G126_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G126_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev.2.00, Dec.18.2003, page 1 of 12
HD74ALVC2G126
Dual Bus Buffer with 3-state Output
REJ03D0172–0200Z
(Previous ADE-205-622A (Z))
Rev.2.00
Dec.18.2003
Description
The HD74ALVC2G126 has dual bus buffer with 3-state output in an 8 pin package. Output is disabled
when the associated output enable (OE) input is low. To ensure the high impedance state during power up
or power down, OE should be connected to GND through a pull-down resistor; the minimum value of the
resistor is determined by the current souring capability of the driver. Low voltage and high-speed operation
is suitable for the battery powered products (e.g., notebook computers), and the low power consumption
extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
Operating temperature range:
−40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
All outputs VO (Max.) = 3.6 V (@VCC = 0 V)
• Output current
±2 mA (@V
CC = 1.2 V)
±4 mA (@V
CC = 1.4 V to 1.6 V)
±6 mA (@V
CC = 1.65 V to 1.95 V)
±18 mA (@V
CC = 2.3 V to 2.7 V)
±24 mA (@V
CC = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC2G126USE
SSOP-8 pin
TTP-8DBV
US
E (3,000 pcs/reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com