Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV02ATELL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV02ATELL
Description  Quad. 2-input NOR Gates
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV02ATELL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV02ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 9Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74LV02A
Rev.3.00, May 21, 2004, page 5 of 7
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
—
8.9
—
Power dissipation capacitance
CPD
5.0
—
10.3
—
pF
f = 10 MHz
Noise Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output, maximum
dynamic VOL
VOL (P)
3.3
—
0.2
0.8
V
Quiet output, minimum
dynamic VOL
VOL (V)
3.3
—
–0.1
–0.8
Quiet output, minimum
dynamic VOH
VOH (V)
3.3
—
3.2
—
High-level dynamic input
voltage
VIH (D)
3.3
2.31
——V
Low level dynamic voltage
VIL (D)
3.3
—
—
0.99
Test Circuit
L *
Note: C includes the probe and jig capacitance.
Measurement point
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com