Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3535 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology LTC3535 Datasheet HTML 10Page - Linear Technology LTC3535 Datasheet HTML 11Page - Linear Technology LTC3535 Datasheet HTML 12Page - Linear Technology LTC3535 Datasheet HTML 13Page - Linear Technology LTC3535 Datasheet HTML 14Page - Linear Technology LTC3535 Datasheet HTML 15Page - Linear Technology LTC3535 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3535
16
3535fa
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2009
LT 0910 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC3525-3
LTC3525-3.3
LTC3525-5
400mA Micropower Synchronous Step-Up DC/DC
Converter with Output Disconnect
95% Efficiency VIN: 1V to 4.5V, VOUT(MAX) = 3.3V or 5V, IQ = 7µA,
ISD < 1µA, SC-70 Package
LTC3525L-3
400mA Micropower Synchronous Step-Up DC/DC
Converter with Output Disconnect
93% Efficiency VIN: 0.88V to 4.5V, VOUT = 3V, IQ = 7µA,
ISD < 1µA, SC-70 Package
LTC3526/LTC3526B
LTC3526-2
LTC3526B-2
500mA, 1MHz/2.2MHz, Synchronous Step-Up DC/DC
Converters with Output Disconnect
94% Efficiency VIN: 0.85V to 5V, VOUT(MAX) = 5.25V, IQ = 9µA,
ISD < 1µA, 2mm × 2mm DFN-6 Package
LTC3526L
LTC3526LB
550mA, 1MHz, Synchronous Step-Up DC/DC
Converters with Output Disconnect
94% Efficiency VIN: 0.7V to 5V, VOUT(MAX) = 5.25V, IQ = 9µA,
ISD < 1µA, 2mm × 2mm DFN-6 Package
LTC3526/LTC3526B
500mA (ISW), 1MHz Synchronous Step-Up DC/DC
Converter with Output Disconnect
94% Efficiency VIN: 0.8V to 5V, VOUT(MAX) = 5.25V, IQ = 9µA,
ISD < 1µA, 2mm × 2mm DFN-6 Package
LTC3527/LTC3527-1
Dual 800mA and 400mA (ISW), 2.2MHz, Synchronous
Step-Up DC/DC Converter with Output Disconnect
94% Efficiency VIN: 0.7V to 5V, VOUT(MAX) = 5.25V, IQ = 12µA,
ISD < 1µA, 3mm × 3mm QFN-16 Package
LTC3528
LTC3528-2
1A (ISW), 1MHz Synchronous Step-Up DC/DC with
Output Disconnect Converter
94% Efficiency VIN: 0.7V to 5V, VOUT(MAX) = 5.25V, IQ = 12µA,
ISD < 1µA, 2mm × 3mm DFN-8 Package
LTC3537
600mA , 2.2MHz, Synchronous Step-Up DC/DC
Converter with Output Disconnect and 100mA LDO
94% Efficiency VIN: 0.7V to 5V, VOUT(MAX) = 5.25V, IQ = 30µA,
ISD < 1µA, 3mm × 3mm QFN-16 Package
LTC3539
LTC3539-2
2A (ISW), 1/2MHz, Synchronous Step-Up DC/DC
Converter with Output Disconnect
94% Efficiency VIN: 0.7V to 5V, VOUT(MAX) = 5.25V, IQ = 10µA,
ISD < 1µA, 2mm × 3mm DFN-8 Package
3535 TA03
4.7µH
COILCRAFT XFL4020-472
COILCRAFT XFL4020-472
SINGLE
AAA CELL
3.3V
VOUT
10µF
2.2µF
4.7µH
30.1k
1M
1.78M
SW1
VIN1
LTC3535
VOUT1
VOUT2
FB1
FB2
SW2
GND
GND
SHDN1
VIN2
SHDN2
+
47µF
1nF
330pF
T1
1:100
COILCRAFT
LPR6235-752SML
TEG
FERROTEC 9500/127/100B
1µF
LTC3108
VSTORE
VOUT2_EN
2.35V PEAK
VOUT
VOUT2
VLDO
PGD
C1
C2
SW
VS1
VS2
VAUX
GND
2.2µF
C1
1.5mF
1µF
D1A
D1B
BAT54C
•
•
+
3.3V Converter Operates from a Single Cell or from Harvested Thermal Energy, as Low as 1°C ∆T
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com