Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4050 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4050
Description  Lithium-Ion Linear Battery Charger with Thermistor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4050 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4050 Datasheet HTML 2Page - Linear Technology LTC4050 Datasheet HTML 3Page - Linear Technology LTC4050 Datasheet HTML 4Page - Linear Technology LTC4050 Datasheet HTML 5Page - Linear Technology LTC4050 Datasheet HTML 6Page - Linear Technology LTC4050 Datasheet HTML 7Page - Linear Technology LTC4050 Datasheet HTML 8Page - Linear Technology LTC4050 Datasheet HTML 9Page - Linear Technology LTC4050 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC4050
4050f
BLOCK DIAGRA
–
+
LOGIC
ACPR
C1
–
+
C4
–
+
–
+
C3
A1
CA
C2
VA
CHARGE
GND
4050 BD
PROG
BATTERY CURRENT IBAT = (2.47V • 800Ω)/(RPROG • RSENSE)
RPROG
VREF
2.47V
LBO
80
Ω
VCC
800
Ω
54mV
RSENSE
SENSE
DRV
BAT
720
Ω
32
µA
TIMER
OSCILLATOR
VREF
COUNTER
STOP RECHRG
SHDN
SLP
C/10
C/10
2.3
µA
VCC
CHRG
5
6
3
4
ACPR
10
9
8
7
1
+
–
–
+
C5
3.88V (LTC4050-4.1)
3.98V (LTC4050-4.2)
2
UV
28.6k
NTC
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com