Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4076 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4076
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4076 Datasheet(HTML) 3 Page - Linear Technology

  LTC4076 Datasheet HTML 1Page - Linear Technology LTC4076 Datasheet HTML 2Page - Linear Technology LTC4076 Datasheet HTML 3Page - Linear Technology LTC4076 Datasheet HTML 4Page - Linear Technology LTC4076 Datasheet HTML 5Page - Linear Technology LTC4076 Datasheet HTML 6Page - Linear Technology LTC4076 Datasheet HTML 7Page - Linear Technology LTC4076 Datasheet HTML 8Page - Linear Technology LTC4076 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4076
3
4076fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ITRIKL
Trickle Charge Current
VBAT < VTRIKL; RIDC = 1.25k
60
80
100
mA
VBAT < VTRIKL; RIUSB = 2.1k
30
47.5
65
mA
VTRIKL
Trickle Charge Threshold Voltage
VBAT Rising
2.8
2.9
3
V
Hysteresis
100
mV
VUVDC
DCIN Undervoltage Lockout Voltage
From Low to High
4
4.15
4.3
V
Hysteresis
200
mV
VUVUSB
USBIN Undervoltage Lockout Voltage
From Low to High
3.8
3.95
4.1
V
Hysteresis
200
mV
VASD-DC
VDCIN – VBAT Lockout Threshold
VDCIN from Low to High, VBAT = 4.2V
140
180
220
mV
VDCIN from High to Low, VBAT = 4.2V
20
50
80
mV
VASD-USB
VUSBIN – VBAT Lockout Threshold
VUSBIN from Low to High
140
180
220
mV
VUSBIN from High to Low
20
50
80
mV
VEN
EN Input Threshold Voltage
0.4
0.7
1
V
REN
EN Pulldown Resistance
●
1
2
5
MΩ
VHPWR
HPWR Input Threshold Voltage
0.4
0.7
1
V
RHPWR
HPWR Pulldown Resistance
●
1
2
5
MΩ
VCHRG
CHRG Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
VPWR
PWR Output Low Voltage
IPWR = 5mA
0.35
0.6
V
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT – VRECHRG, 0°C < TA < 85°C
65
100
135
mV
tRECHRG
Recharge Comparator Filter Time
VBAT from High to Low
3
6
10
ms
tTERMINATE
Termination Comparator Filter Time
IBAT Drops Below Termination Threshold
0.8
1.5
2.2
ms
tSS
Soft-Start Time
IBAT = 10% to 90% Full-Scale
175
250
325
µs
RON-DC
Power FET “ON” Resistance
400
mΩ
(Between DCIN and BAT)
RON-USB
Power FET “ON” Resistance
550
mΩ
(Between USBIN and BAT)
TLIM
Junction Temperature in
105
°C
Constant-Temperature Mode
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V, HPWR = 5V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4076E is guaranteed to meet the performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Failure to correctly solder the exposed backside of the package to
the PC board will result in a thermal resistance much higher than 40°C/W.
See Thermal Considerations.
Note 4: Supply current includes IDC and ITERM pin current (approximately
100µA each) but does not include any current delivered to the battery
through the BAT pin.
Note 5: Supply current includes IUSB and ITERM pin current
(approximately 100µA each) but does not include any current delivered to
the battery through the BAT pin.
Note 6: Guaranteed by long term current density limitations.
Note 7: VCC is greater of DCIN or USBIN
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com