Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N250024LP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N250024LP
Description  24-Port Cat6/Cat5 Low Profile Feed-Through Patch Panel, 1U Rack-Mount/Wall-Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N250024LP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N250024LP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N250024LP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24-Port Cat6/Cat5 Low Profile Feed-Through Patch
Panel, 1U Rack-Mount/Wall-Mount
MODEL NUMBER: N250-024-LP
Description
Tripp Lite's N250-024-LP, Cat6 Feed-Through Low Profile patch panel, makes cable patching quick and easy, by simply plugging Cat6 patch cables into either
side of the Cat6 couplers. Ninety degree angles on the couplers allows for low profile mounting to a wall with included stand-off brackets. Cables feed into the
front of the panel, and corresponding patch cables exit Up, Down, Left, or Right, depending on the mounting position. Patented printed circuit board design
within the coupler exceeds NEXT requirements for Cat6 component testing, assuring Gigabit+ speeds.
Features
24-port Feed-through panel for Cat6 or Cat5e networks
Wall or Rack mountable ( standoff brackets included for wall mounting )
19" Wide by 1.75" (1U) High x 1.42" deep
Ninety degree coupler allows a multitude of mounting angle options
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
OVERVIEW
Cable Type
Cat6/6a
PHYSICAL
Color
Black
CONNECTIONS
Connector A
RJ45 (FEMALE)
Connector B
RJ45 (FEMALE)
Highlights
90 degree Cat6 RJ45 jacks
allows easy cable routing
Wall mountable with standoff
brackets, or rack mountable
Exceeds TIA-EIA-568-C.2 Cat6
Component requirement
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Applications
MDF's or IDF's where quick
patching changes need to be
made
Package Includes
24-port Cat6 Low Profile
Feed-Through Patch Panel
1 / 2


Similar Part No. - N250024LP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N250012 TRIPPLITE-N250012 Datasheet
495Kb / 2P
12-Port Cat6/Cat5 Wall-Mount Vertical 110 Patch Panel
logo
Renesas Technology Corp
N2500N RENESAS-N2500N Datasheet
282Kb / 8P
MOS FIELD EFFECT TRANSISTOR
N2500N-T1B-AT RENESAS-N2500N-T1B-AT Datasheet
282Kb / 8P
MOS FIELD EFFECT TRANSISTOR
N2500N-T2B-AT RENESAS-N2500N-T2B-AT Datasheet
282Kb / 8P
MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - N250024LP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N250012 TRIPPLITE-N250012 Datasheet
495Kb / 2P
12-Port Cat6/Cat5 Wall-Mount Vertical 110 Patch Panel
N252012 TRIPPLITE-N252012 Datasheet
475Kb / 2P
12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252024V TRIPPLITE-N252024V Datasheet
485Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 V-Shaped 110 Patch Panel 568B, RJ45 Ethernet
N254024 TRIPPLITE-N254024 Datasheet
477Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N254024SH TRIPPLITE-N254024SH Datasheet
476Kb / 2P
24-Port 1U Rack-Mount STP Shielded Cat6 /Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N250-024-LP TRIPPLITE-N250-024-LP Datasheet
158Kb / 2P
24-Port Cat6/Cat5 Low Profile Feed-Through Patch Panel, 1U Rack-Mount/Wall-Mount, TAA
N252-012 TRIPPLITE-N252-012 Datasheet
154Kb / 2P
12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet, TAA
N252-024 TRIPPLITE-N252-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N254-024 TRIPPLITE-N254-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet, TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com