Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR42SIDE Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR42SIDE
Description  SmartRack Side Panel with Key Locking Latch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR42SIDE Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR42SIDE Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR42SIDE Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack Side Panel with Key Locking Latch
MODEL NUMBER: SR42SIDE
Description
The SmartRack SR42SIDE is an individual side panel for the standard depth SR42UB. The panel can be used as replacements for an expansion cabinet
(SR42UBEXP) where the needs have changed and a side panel is now wanted. SR42SIDE comes with a key locking latch.
Features
Individual side panel for the standard depth SR42UB
Can be used as replacements for an expansion cabinet (SR42UBEXP) where the needs have changed and a side panel is now wanted
Includes key locking latch
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
38.5 x 33.5 x 1.75
Shipping Dimensions (hwd / cm)
97.79 x 85.09 x 4.45
Shipping Weight (lbs.)
23
Shipping Weight (kg)
10.43
Unit Dimensions (hwd / in.)
38 x 32.5 x .75
Unit Dimensions (hwd / cm)
96.52 x 82.55 x 1.91
Unit Weight (lbs.)
19.5
Unit Weight (kg)
8.85
WARRANTY
Highlights
Side panel with locking key
Use with standard depth 42UB
Use as a replacement or an
expansion cabinet
Package Includes
Contains one side panel with key
lock latch
1 / 2


Similar Part No. - SR42SIDE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42SIDEPT TRIPPLITE-SR42SIDEPT Datasheet
158Kb / 2P
SmartRack Side Panels includes key locking latch and cable pass-through slots
More results

Similar Description - SR42SIDE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009162006301150 AVX-009162006301150 Datasheet
191Kb / 1P
9162 SIM Connector with Locking Latch
logo
Tyco Electronics
552723-1 MACOM-552723-1 Datasheet
32Kb / 1P
LATCH, LOCKING, CHAMP-LOK
logo
Tripp Lite. All Rights ...
SR48SIDE TRIPPLITE-SR48SIDE Datasheet
479Kb / 2P
48U SmartRack side panel with key locking latch
logo
Harwin Plc
M80-001 HARWIN-M80-001 Datasheet
47Kb / 1P
DATAMATE LOCKING LATCH
logo
PHOENIX CONTACT
1424363 PHOENIX-1424363 Datasheet
71Kb / 3P
Panel mounting base D15, with single locking latch, material: Die-cast aluminum, salt water resistant
logo
Tripp Lite. All Rights ...
SRDRAWER4U TRIPPLITE-SRDRAWER4U Datasheet
164Kb / 2P
SmartRack 4U Locking Rack-Mount Storage Drawer
SRDRAWER2U TRIPPLITE-SRDRAWER2U Datasheet
164Kb / 2P
SmartRack 2U Locking Rack-Mount Storage Drawer
SR42SIDEPT TRIPPLITE-SR42SIDEPT Datasheet
158Kb / 2P
SmartRack Side Panels includes key locking latch and cable pass-through slots
SRGROUNDPANELBC TRIPPLITE-SRGROUNDPANELBC Datasheet
161Kb / 2P
SmartRack 1U ESD Grounding Panel
logo
Amphenol Communications...
65182 AMPHENOLCS-65182 Datasheet
61Kb / 1P
locking latch
Rev J
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com