Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRCABLELADDER Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCABLELADDER
Description  SmartRack 10-ft. x 1-ft. (3 m x 0.3 m) Cable Ladder, 2 sections - SRCABLETRAY/SRLADDERATTACH needed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCABLELADDER Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCABLELADDER Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCABLELADDER Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack 10-ft. x 1-ft. (3 m x 0.3 m) Cable Ladder,
2 sections - SRCABLETRAY/SRLADDERATTACH
needed
MODEL NUMBER: SRCABLELADDER
Description
Tripp Lite's SmartRack SRCABLELADDER helps eliminate cable stress by organizing cables outside of the
SmartRack Enclosure or Open Frame Rack. The cable ladder is 12" wide and 10-ft high. It ships in two
convenient 5-ft sections for easy shipping, storage and assembly. The SRCABLELADDER can be installed
parallel or perpendicular to an enclosure. A grounding stud is provided to allow tie-in to the enclosure and facility
ground. Toolless assembly and mounting on the SmartRack enclosure's top panel allows the cables to be safely
routed overhead but must be connected to SRCABLETRAY. For Open Frame Rack installation the
SRLADDERATTACH is needed.
Features
Tripp Lite's SmartRack SRCABLELADDER helps eliminate cable stress by organizing cables outside of the SmartRack Enclosure or Open Frame Rack
Safely routes cables overhead to and from enclosures
The cable ladder is 12" wide and 10-ft high
Ships in two convenient 5-ft sections for easy shipping, storage and assembly
Can be installed parallel or perpendicular to an enclosure
A grounding stud is provided to allow tie-in to the enclosure and facility ground
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
2.28 x 12.75 x 60.12
Shipping Dimensions (hwd / cm)
5.79 x 32.39 x 152.70
Shipping Weight (lbs.)
20
Highlights
Safely routes cables to eliminate
cable stress
Can be installed parallel or
perpendicular to an enclosure
Cable ladder is 12" wide
Ships in two convenient 5 ft
sections for easy shipping,
storage and assembly
Toolless assembly and mounting
to enclosures
Organizes cables outside of
SmartRack enclosure or Open
Frame Rack
Grounding stud provided to allow
tie-in to the enclosure and facility
ground
Must be connected to
SRCABLETRAY when used with
Enclosures or
SRLADDERATTACH for Open
Rack installations
Package Includes
SRCABLELADDER
Mounting hardware
Owner's manual
1 / 2


Similar Part No. - SRCABLELADDER

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLELADDER18 TRIPPLITE-SRCABLELADDER18 Datasheet
157Kb / 2P
Cable Ladder, 2 Sections - SRCABLETRAY or SRLADDERATTACH Required, 10 x 1.5 ft. (3 x 0.3 m)
More results

Similar Description - SRCABLELADDER

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
A050006 TRIPPLITE-A050006 Datasheet
472Kb / 2P
Audio Cables (2 x RCA M-M), 6-ft.
P584003 TRIPPLITE-P584003 Datasheet
472Kb / 2P
Mini DisplayPort Cable (M-M), 3-ft
P584010 TRIPPLITE-P584010 Datasheet
471Kb / 2P
Mini DisplayPort Cable (M-M), 10-ft
U444-010-DE TRIPPLITE-U444-010-DE Datasheet
170Kb / 3P
USB-C to DVI Adapter Cable (M/M) - 3.1, Gen 1, Thunderbolt 3, 1920 x 1200, White, 10 ft. (3 m)
P580-001 TRIPPLITE-P580-001 Datasheet
156Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 1-ft.
P580-003 TRIPPLITE-P580-003 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 3-ft.
P584-003 TRIPPLITE-P584-003 Datasheet
153Kb / 2P
Mini DisplayPort Cable (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 3-ft.
P584-010 TRIPPLITE-P584-010 Datasheet
153Kb / 2P
Mini DisplayPort Cable (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 10-ft.
logo
Schneider Electric
VW3CANCARR03 SCHNEIDER-VW3CANCARR03 Datasheet
70Kb / 2P
CANopen cable - 2 x RJ45 - cable 0.3 m
Jan 21, 2022
logo
Tripp Lite. All Rights ...
SRCABLELADDER18 TRIPPLITE-SRCABLELADDER18 Datasheet
157Kb / 2P
Cable Ladder, 2 Sections - SRCABLETRAY or SRLADDERATTACH Required, 10 x 1.5 ft. (3 x 0.3 m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com