Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRCABLEVRT12 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCABLEVRT12
Description  SmartRack 12 in. Width High Capacity Vertical Cable Manager - Double finger duct with cover
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCABLEVRT12 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCABLEVRT12 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCABLEVRT12 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack 12 in. Width High Capacity Vertical
Cable Manager - Double finger duct with cover
MODEL NUMBER: SRCABLEVRT12
Description
Tripp Lite's SmartRack SRCABLEVRT12 helps eliminate cable stress by organizing the cables within an Open
Rack cabinet. The vertical cable manager (finger duct with cover) is 6-ft high, 12 inch width and split into three 2-ft sections to allow for multiple installation
options. SRCABLEVRT12 offers toolless button mounting.
Features
Tripp Lite's SmartRack SRCABLEVRT12 helps eliminate cable stress by organizing the cables within an Open Rack cabinet
The vertical cable manager (finger duct with cover) is 6-ft high, 12 inch width and split into three 2-ft sections to allow for multiple installation options
Toolless button mounting
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
5.25 x 25.5 x 25.5
Shipping Dimensions (hwd / cm)
13.34 x 64.77 x 64.77
Shipping Weight (lbs.)
30
Shipping Weight (kg)
13.61
Unit Dimensions (hwd / in.)
24.45 x 12.9 x 6.02
Unit Dimensions (hwd / cm)
62.10 x 32.77 x 15.29
Unit Weight (lbs.)
9.2
Unit Weight (kg)
4.17
WARRANTY
Highlights
Vertical Cable Manager, 6 foot,
finger duct with cover
High capacity (12" width) for
large cable bundles
Split into three 2 foot sections to
allow for multiple installation
options
Helps eliminate cable stress
Organizes cables within an Open
Rack
Toolless button mounts
Cold rolled steel with black finish
Package Includes
Vertical Cable Manager, 6 foot,
finger duct with cover, mounting
hardware
1 / 2


Similar Part No. - SRCABLEVRT12

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEVRT3 TRIPPLITE-SRCABLEVRT3 Datasheet
502Kb / 2P
SmartRack 3 in. Wide High Capacity Vertical Cable Manager - Double finger duct
SRCABLEVRT6 TRIPPLITE-SRCABLEVRT6 Datasheet
509Kb / 2P
SmartRack 6 in. Wide High Capacity Vertical Cable Manager - Double finger duct with cover
More results

Similar Description - SRCABLEVRT12

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCTVRT TRIPPLITE-SRCABLEDUCTVRT Datasheet
486Kb / 2P
SmartRack 6-ft. (1.8 m) Vertical Cable Manager - Double finger duct with cover & toolless mounting
SRCABLERING2U TRIPPLITE-SRCABLERING2U Datasheet
477Kb / 2P
SmartRack 2U Horizontal Cable Manager - Flexible ring type
SRCABLEVRT3 TRIPPLITE-SRCABLEVRT3 Datasheet
502Kb / 2P
SmartRack 3 in. Wide High Capacity Vertical Cable Manager - Double finger duct
SRCABLEVRT6 TRIPPLITE-SRCABLEVRT6 Datasheet
509Kb / 2P
SmartRack 6 in. Wide High Capacity Vertical Cable Manager - Double finger duct with cover
SRTHERMDUCT TRIPPLITE-SRTHERMDUCT Datasheet
505Kb / 2P
SmartRack Thermal Duct Kit for SmartRack Enclosures
logo
Schneider Electric
RSV1221000035 SCHNEIDER-RSV1221000035 Datasheet
50Kb / 1P
Trench Duct, Straight Length, 3 ft 3.5 in length, 12 in width
Jun 3, 2020
RSV1221000515 SCHNEIDER-RSV1221000515 Datasheet
54Kb / 1P
Trench Duct, Straight Length, 4 ft 3.5 in length, 12 in width
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com