Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRCEILINGADAPT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCEILINGADAPT
Description  SmartRack Ceiling Tile Adapter Kit for SRCOOL33K
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCEILINGADAPT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCEILINGADAPT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SmartRack Ceiling Tile Adapter Kit for SRCOOL33K
MODEL NUMBER: SRCEILINGADAPT
Description
Easily install your SRCOOL33K ductwork using Tripp Lite's SRCEILINGADAPT with pre-tapped duct holes.
Features
Easily install your SRCOOL33K ductwork using Tripp Lite's SRCEILINGADAPT with pre-tapped duct holes
Includes all required hardware
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
26.18 x 26.18 x 3.74
Shipping Dimensions (hwd / cm)
66.5 x 66.5 x 9.5
Shipping Weight (lbs.)
10
Shipping Weight (kg)
4.5
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
Highlights
Ceiling tile adapter kit for
SRCOOL33K
All hardware included
Package Includes
(2) Short Duct Brackets
(2) Long Duct Brackets
(2) Ceiling Tiles
(6) Cable Ties
Mounting Hardware
Owner's Manual
1 / 1


Similar Part No. - SRCEILINGADAPT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SRC MACOM-SRC Datasheet
156Kb / 1P
Specification Grade Repeat Cycle
logo
MERITEK ELECTRONICS COR...
SRC MERITEK-SRC Datasheet
474Kb / 2P
Anti-Surge Resistor
logo
Ningbo songle relay co....
SRC SONGLERELAY-SRC Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
Sanyou Corporation Limi...
SRC SANYOU-SRC Datasheet
180Kb / 3P
Miniature Power Relay
logo
Maxtena Inc.
SRC-01 MAXTENA-SRC-01 Datasheet
831Kb / 2P
SMALL I-BAR DSRC ANTENNA
Rev 1.1
More results

Similar Description - SRCEILINGADAPT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCASTER TRIPPLITE-SRCASTER Datasheet
467Kb / 2P
SmartRack Rolling Caster Kit, 4 pack
SRFILTER TRIPPLITE-SRFILTER Datasheet
478Kb / 2P
SmartRack Enclosure Filter Kit
SRGASKET TRIPPLITE-SRGASKET Datasheet
479Kb / 2P
SmartRack Airflow Optimization Kit
SRSKIRT TRIPPLITE-SRSKIRT Datasheet
472Kb / 2P
SmartRack Enclosure Skirt Kit
SRSWITCHDUCT TRIPPLITE-SRSWITCHDUCT Datasheet
512Kb / 2P
SmartRack Side Airflow Ducting Kit for Network Switches
SRTHERMDUCT TRIPPLITE-SRTHERMDUCT Datasheet
505Kb / 2P
SmartRack Thermal Duct Kit for SmartRack Enclosures
logo
Laird Tech Smart Techno...
CMS38606P LSTD-CMS38606P Datasheet
2Mb / 3P
Mounts directly and easily to ceiling tile
logo
Tripp Lite. All Rights ...
SRCOOLMVKIT TRIPPLITE-SRCOOLMVKIT Datasheet
154Kb / 2P
SmartRack Magnetic Vinyl Kit for Rack Airflow Management
SRCOOL7KDUCT TRIPPLITE-SRCOOL7KDUCT Datasheet
163Kb / 2P
SmartRack Exhaust Duct Kit for SRCOOL7KRM
SRCOOLTPDUCT TRIPPLITE-SRCOOLTPDUCT Datasheet
57Kb / 2P
SmartRack Exhaust Duct Kit for SRCOOL3KTP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com