Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC2020L Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC2020L
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DPAK FOR SVRFACE MOUNT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2020L Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC2020L Datasheet HTML 1Page - KEC(Korea Electronics) KTC2020L Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 3. 27
2/2
KTC2020D/L
Revision No : 5
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
h
- I
C
COLLECTOR CURRENT I (A)
0.02
0.05 0.1
0.3
10
10
3
0.05
0.02
COLLECTOR CURRENT I (A)
C
V
- I
12345678
0.5
1.0
1.5
2.0
2.5
3.0
COMMON EMITTER
Tc=25 C
60
50
40
30
20
90
80
70
0
I =10mA
B
FE
C
13
10
30
50
100
300
COMMON EMITTER
V =5V
CE
Tc=100 C
Tc=25 C
Tc=-25 C
CE(sat)
C
1
0.3
0.1
5
0.03
0.05
0.1
0.3
0.5
1
COMMON EMITTER
I /I =10
C B
Tc=
100
C
Tc=25 C
Tc=-25 C
Ta=25 C
Tc=25
C
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
0.1
100
30
3
1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATING AREA
25
50
75
100 125 150 175 200
4
8
12
16
20
24
28
32
10
550
0.3
0.5
1
3
5
10
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN
TEMPERATURE
*
I MAX(PULSED)*
C
C
I MAX
(CONTINUOUS)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com