Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTK001 Datasheet(PDF) 2 Page - Linear Technology

Part # LTK001
Description  Thermocouple Cold Junction Compensator and Matched Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTK001 Datasheet(HTML) 2 Page - Linear Technology

  LTK001 Datasheet HTML 1Page - Linear Technology LTK001 Datasheet HTML 2Page - Linear Technology LTK001 Datasheet HTML 3Page - Linear Technology LTK001 Datasheet HTML 4Page - Linear Technology LTK001 Datasheet HTML 5Page - Linear Technology LTK001 Datasheet HTML 6Page - Linear Technology LTK001 Datasheet HTML 7Page - Linear Technology LTK001 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTK001
001fa
Amplifier (LTKA0x)
Supply Voltage (Total V+ to V) ............................... 40V
Differential Input Current (Note 2) ...................... ±10mA
Common Mode Input Voltage ............. Equal to Supplies
Output Short-Circuit Duration .......................... Indefinite
Compensator (LT1025)
Supply Voltage (VIN to Ground Pin) ......................... 36V
Output Voltage (Forced) ............................................ 5V
Output Short-Circuit Duration .......................... Indefinite
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
Note A: The polarity of the amplifier is indicated by the 0 or 1 in the part
number. An LT1025 with a 0 identifier is properly matched with an LTKA00,
while an LT1025 with a 1 identifier should be used with an LTKA01.
Consult factory for parts specified with wider operating temperature ranges.
ORDER PART NUMBER
KIT
LTK001CN8
LTK001ACN8
LTK001MJ8
LTK001AMJ8
TJMAX = 100°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
1
2
3
4
8
7
6
5
TOP VIEW
E
N8 PACKAGE
8-LEAD PDIP
COMPENSATOR
(LT1025)
TJMAX = 150°C, θJA = 100°C/W (J8)
J8 PACKAGE
8-LEAD CERDIP
COMPENSATOR
(LT1025)
VO
10mV/
°C
60.9
µV/°C
GND
VIN
J
51.7
µV/°C
K,T
40.6
µV/°C
R,S
6
µV/°C
R–
COMMON
ORDER PART NUMBER
AMPLIFIER ONLY
(Note A)
LTKA00CN8
LTKA01CN8
1
2
3
4
8
7
6
5
TOP VIEW
VOS TRIM
–IN
+IN
V–
VOS TRIM
V+
OUT
OVER COMP
N8 PACKAGE
8-LEAD PDIP AMPLIFIER
(LTKA0x)
ORDER PART NUMBER
AMPLIFIER ONLY
(Note A)
LTKA00MH
LTKA01MH
TOP VIEW
V+
VOS TRIM
VOS
TRIM
–IN
OUT
OVER COMP
+IN
V
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
AMPLIFIER (LTKA0x)
+
TJMAX = 100°C, θJA = 130°C/W
Consider the N8 Package for Alternate Source
OBSOLETE PACKAGE
OBSOLETE PACKAGE
(Note 1)
Both Devices
Operating Temperature Range
LTK001AMJ8, LTK001MJ8 (OBSOLETE)
......................................................... – 55°C to 125°C
LTK001ACN8, LTK001CN8 ...................... 0°C to 70°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature Range (Soldering, 10 sec.)...... 300°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com