| Electronic Components Datasheet Search |
|
AN1772 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1772 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 8 page ![]() AN1772 - APPLICATION NOTE 6/8 Reset Thresholds The Reset Circuits are available with multiple threshold voltages (refer to Table 1), so the designer can choose the reset threshold level best suited to the system’s power supply. The sensitivity of the Reset Circuit depends on: ■ the duration of the voltage undershoot, ■ the magnitude of the undershoot below the minimum threshold. The generation of the reset signal depends on, the maximum voltage transient duration versus the reset comparator overdrive, as is shown in Figure 4. Conditions falling into the area below the curve are filtered and therefore do not generate a reset signal. Figure 4. Reset Thresholds Table 1. Reset Threshold Levels Manual Reset A manual reset is useful in many applications, from debugging new systems to waking-up from an idle or sleep mode. Usually an external reset is done with a switch, however switches are not ideal because of switching bounce (voltage spikes that can occur during the switching phase). The problem can be overcome by de- signing a specific circuit, but this requires additional discrete logic gates. The STM811 and STM812 Reset Circuits solve the problem with a push-button reset input signal (MR). These devices have an internal de- bounce circuit (see Figure 3), usually with an internal pull-up resistor, so there are no requirements for any other discrete circuits connected to the device. Device Reset Threshold Voltage Min Max Unit STM8xxL 4.50 4.75 V STM8xxM 4.25 4.50 V STM8xxT 3.00 3.15 V STM8xxS 2.85 3.00 V STM8xxR 2.55 2.70 V AI08628 µS Reset Comparator Overdrive, mV STM8xxL/ M STM8xxR/S/T |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |