Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2154 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2154
Description  Space vector modulation using 8-bit ST7MC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2154 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2154 Datasheet HTML 5Page - STMicroelectronics AN2154 Datasheet HTML 6Page - STMicroelectronics AN2154 Datasheet HTML 7Page - STMicroelectronics AN2154 Datasheet HTML 8Page - STMicroelectronics AN2154 Datasheet HTML 9Page - STMicroelectronics AN2154 Datasheet HTML 10Page - STMicroelectronics AN2154 Datasheet HTML 11Page - STMicroelectronics AN2154 Datasheet HTML 12Page - STMicroelectronics AN2154 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN2154
The PWM generator block of ST7MC motor control peripheral for SVPWM
9/16
There are several possible ways to distribute time t0 (associated to one of the two null
sectors) inside the PWM period.
The first possibility is shown in Figure 6. It utilizes ST7MC Motor control peripheral 12-bit
PWM generator in edge-aligned mode.
Please note that the edge alignment implies the presence of the passage between the null
state 000 and the null state 111 and, then, the need of three contemporary switches
commutation.
Literature demonstrates that, in order to reduce the number of commutation and switching
losses, it is preferable to utilize a states sequence where successive states are also
adjacent. This means that passing from one state to the successive one should occur with
only one switch commutation.
This implies that the null state 111 must be always situated after one of the states 110, 101,
011, and null state 000 must be always situated after one of the states 100, 001, 010.
Figure 7 shows a typical switching pattern generated by ST7MC Motor control peripheral 12
bit PWM generator in "center-aligned" mode. It can be observed that the above rules are
respected.
Please be aware that, to be coherent with what has been stated in the previous paragraph,
the PWM period should be reported as T0, while in Figure 7 it has been indicated as 1/fs. It
is convenient, in fact, from this point on, to indicate with T0 only a half of the PWM period. It
is easy to understand that Equation 10 - 12 are still valid in the case that ta, tb are taken as
shown in Figure 7.
Please observe that time t0, associated with the null states, has been divided into two parts:
t0‘ is relative to the permanency time of state 111 and t0‘‘ is relative to the permanency time
of state 000. Since Equation 12 does not give any information about the values of these two
times, their choice could be arbitrary. Nevertheless, literature demonstrates that the best
total harmonic distortion on line to neutral voltage and on motor current is achieved when:
Equation 13
In this case the modulation is called symmetrical SVPWM.
Figure 6.
Edge-aligned SVPWM patterns
t
0
t
0
t
0
2
----
==
‘‘



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com