Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2267 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2267
Description  Implementation of current regulator for BLDC motor control with ST7FMC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2267 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2267 Datasheet HTML 2Page - STMicroelectronics AN2267 Datasheet HTML 3Page - STMicroelectronics AN2267 Datasheet HTML 4Page - STMicroelectronics AN2267 Datasheet HTML 5Page - STMicroelectronics AN2267 Datasheet HTML 6Page - STMicroelectronics AN2267 Datasheet HTML 7Page - STMicroelectronics AN2267 Datasheet HTML 8Page - STMicroelectronics AN2267 Datasheet HTML 9Page - STMicroelectronics AN2267 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
BLDC motor control using ST7FMC
AN2267
6/19
Figure 6.
Motor Control Macro cell - BLDC motor control configuration
A PWM output is generated as a result of comparison between this carrier and a compare
register (MCPUH:MCPUL) that carries pulse width (duty cycle) information. This PWM
signal is directed to one of the six inverter switches by a CHANNEL MANAGER that acts as
a traffic diverter on the PWM output. The channel manager also selects a complementary
switch, as programmed by the user, which together with the switch receiving PWM will force
current into the motor windings. Based on the motor terminal voltages or Hall sensor
outputs, an analog block identifies the motor phase BEMF Z events and captures the
contents of MTIM timer into MZREG and the previous value of MZREG into MZPRV and this
cycle repeats all over again.
MTIM[8-bit Up Counter]
C
A
B
HV
D
Q
CP
Mi crocontroll er
+
V
RE
F
ZV D b it
-
MCCFI
MCO0
MCO2
MCO4
MCO1
MCO3
MCO5
HDM
n bit
IS
nbit
Board + Motor
VR2-0
ZH
MCI C
MCI A
MCI B
DH
MWGHT Reg [a
n+
1
]
MZREG Reg [ Zn]
A x B/ 256
Fcpu
MZPRV Reg [ Zn-1 ]
CS,H
D
S
ST3-0 bits
4
DCB bit
SDM
n
bit
SWAbit
MDREG Reg [ D
n
]
Com pare
Compare
MCOMP Reg [C
n+1]
Z
H
1 / 2
Ratio
1 / 2
MZREG
MTIM
ZS,H
SA3-0 &
12- bit P W M ge nera tor
SQ
R
DH
NMCES
+1
-1
Z
cl r
x6
x6
ck
C
S,H
D
S,H
ZS,H
E
6
6
8
8
8
8
1
Filt er/ PWM
1
1/ 128
OT1-0 bits
n
n-1
R
+
R
-
R
-/+
CL
3
SR bit
+
-
Cext
DS,H
or
or
or
or
1
2
Filte r / D
Filt e r / C
1 /20
1 / 4
CS,H
DS,H
A
CPB
n bit
REO bi t
C
S,H
DS,H
< 55h?
= FFh?
CPB
n
bit
1
0
SWAbit
CH
(V)
R
1ext
R
2ext
V
DD
(I)
MCPWMU
MCPWMV
MCPWMW
MCVREF
SPLG
EF [2 : 0]
EF [2 :0 ]
PZ b it
SZ
n
Compare
bit
Z
S
8
2
6
MCAOP
MCAON
MCCREF
MCPWMU/V/ W
+
-
CL
XT16 bi t
MCAOZ
CFAVbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com