Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2282 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2282
Description  With the ever-increasing success
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2282 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2282 Datasheet HTML 9Page - STMicroelectronics AN2282 Datasheet HTML 10Page - STMicroelectronics AN2282 Datasheet HTML 11Page - STMicroelectronics AN2282 Datasheet HTML 12Page - STMicroelectronics AN2282 Datasheet HTML 13Page - STMicroelectronics AN2282 Datasheet HTML 14Page - STMicroelectronics AN2282 Datasheet HTML 15Page - STMicroelectronics AN2282 Datasheet HTML 16Page - STMicroelectronics AN2282 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AN2282
Firmware
13/19
The uIP main features are as follows:
●
Very small code size
●
Very low RAM usage, configurable at compile time
●
ARP, SLIP, IP, UDP, ICMP (ping) and TCP protocols
●
Includes a set of example applications: web server, web client, e-mail sender (SMTP
client), Telnet server, DNS hostname resolver
●
Any number of concurrently active TCP connections, maximum amount configurable at
compile time
●
Any number of passively listening (server) TCP connections, maximum amount
configurable at compile time
●
Free for both commercial and non-commercial use
●
RFC compliant TCP and IP protocol implementations, including flow control, fragment
reassembly and retransmission time-out estimation
The total memory requirement (ROM+RAM) is less then 21.3 KB. The uIP stack does not
use explicit dynamic memory allocation. Instead, it uses a single global buffer (uip_buf) for
holding packets and has a fixed table for holding connection states. The global packet buffer
is large enough to contain one packet of maximum size. When a packet is received, the
device driver places it in the global buffer, updates the global variable uip_len with the value
of the received packet dimension and calls the TCP/IP stack. If the packet contains data, the
TCP/IP stack will notify the corresponding application. In uIP, the same global packet buffer
is also used for the TCP/IP headers of outgoing data. If the application sends dynamic data,
it may use the parts of the global packet buffer that are not used for headers as a temporary
storage buffer.
To send the data, the application passes a pointer to the data as well as the length of the
data to the stack. The data is not queued for retransmissions; instead, the application has to
reproduce the data if a retransmission is necessary. uIP uses an event driven interface
where the application is invoked in response to certain events. The application must be
implemented as a C function, UIP_APPCALL(), that uIP calls whenever an event occurs.
uIP calls the application when data is received, when data has been successfully delivered
to the other end of the connection, when a new connection has been set up, or when data
has to be retransmitted. The application is also periodically polled for new data. The
application provides only one callback function; it is up to the application to deal with
mapping different network services to different ports and connections. Figure 8 shows the
uIP main control loop flow diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com