Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2390 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2390 Datasheet HTML 1Page - STMicroelectronics AN2390 Datasheet HTML 2Page - STMicroelectronics AN2390 Datasheet HTML 3Page - STMicroelectronics AN2390 Datasheet HTML 4Page - STMicroelectronics AN2390 Datasheet HTML 5Page - STMicroelectronics AN2390 Datasheet HTML 6Page - STMicroelectronics AN2390 Datasheet HTML 7Page - STMicroelectronics AN2390 Datasheet HTML 8Page - STMicroelectronics AN2390 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
AN2390
Theory of operation
5/42
1
Theory of operation
1.1
Li-ion battery charging
Li-ion batteries have a constant current/constant voltage charging algorithm as shown in
Figure 2.
Figure 2.
Li-ion battery charging
During Stage 1 (constant current charge), the charging current is kept at a constant value
(Iconst) until the battery voltage reaches the final cell voltage (VF). In Stage 2 (constant
voltage charge), the voltage is kept constant within this limit by slowly decreasing the
current. Charging is stopped when the current drops below the threshold value fixed by the
manufacturer (ISAT). This current indicates that the battery is saturated.
In some cases before stage 1, pre-charging can also be done if the battery is fully
discharged.
A failure condition occurs if even after a certain time (tFAIL) of fast charging, the battery
voltage remains particularly low (under VSC). In this case, charging is stopped and the
battery is isolated from the charger. The charger also indicates a battery failure without
waiting (protection against short-circuit) if battery current is higher than the threshold IFAIL
(equals to the maximum supply current).
If the charging time exceeds a certain expiration value (tEXP), charging is stopped even if the
battery is not yet saturated. As the tEXP value is greater than the tFAIL value, the charger
indicates that the battery is in good condition and fully charged.
Stage 1
Stage 2
Battery
current
voltage
Battery
VF
ICONST
ISAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com