Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2415 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2415
Description  Using the output detection feature of the high-brightness
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2415 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2415 Datasheet HTML 1Page - STMicroelectronics AN2415 Datasheet HTML 2Page - STMicroelectronics AN2415 Datasheet HTML 3Page - STMicroelectronics AN2415 Datasheet HTML 4Page - STMicroelectronics AN2415 Datasheet HTML 5Page - STMicroelectronics AN2415 Datasheet HTML 6Page - STMicroelectronics AN2415 Datasheet HTML 7Page - STMicroelectronics AN2415 Datasheet HTML 8Page - STMicroelectronics AN2415 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
August 2007
Rev 4
1/11
AN2415
Application note
Using the output detection feature of the high-brightness
LED driver STP08CDC596 evaluation board
Introduction
This document describes how to implement a complete solution for driving a high-brightness
LED array. Based on STP08CDC596 drivers and controlled by an ST7FLITE3x
microcontroller, there are two versions of the evaluation board:
■ STEVAL-ILL002V1 using OSRAM LEDs
■ STEVAL-ILL002V2 using Toshiba LEDs
Note:
The STP08CDC596 LED driver is replaced by the new, higher performing STP08DP05 LED
driver. The two available versions of the evaluation board with the STP08DP05 replace the
STEVAL-ILL002V1 and the STEVAL-ILL002V2, and are described in application note
AN2478.
The new boards available are:
■ STEVAL-ILL002V3 using OSRAM LEDs
■ STEVAL-ILL002V4 using VISHAY LEDs
Forty high-brightness LEDs are arranged on the board in a 5x8 matrix. The matrix is driven
by five 8-channel STP08CDC596 drivers.
The main features of the evaluation board are:
■ Brightness and blinking regulation
■ Animated text
■ Error detection on output
■ GUI (graphic user interface)
■ DC-DC converter
The innovative feature of the STP08CDC596 is the full output error detection function which
enables output status checking without invasive testing (via software only).
Figure 1.
STEVAL-ILL002Vx evaluation board
For more information about other boards based on the STPxxC/L596 driver family, refer to
application note AN2141 which provides details concerning the basic features of the driver
family, the microcontroller interface and chip power dissipation. Refer to user manual
UM0181 for information about how to get started using the evaluation boards.
www.st.com


Similar Part No. - AN2415

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN241 SILABS-AN241 Datasheet
261Kb / 30P
2.4 GHZ ZIGBEE?줟ETWORK APPLICATION INTERFACE PROGRAMMERS GUIDE
logo
List of Unclassifed Man...
AN241 ETC2-AN241 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2419 STMICROELECTRONICS-AN2419 Datasheet
277Kb / 22P
STR75x hardware development getting started
09-Jul-2007
More results

Similar Description - AN2415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS2611 ETC1-TGS2611 Datasheet
106Kb / 2P
The detection of Methane
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
State-of-the-Art, High Brightness Chip Technology
logo
STMicroelectronics
AN1324 STMICROELECTRONICS-AN1324 Datasheet
122Kb / 15P
CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
Rev. 2
AN2326 STMICROELECTRONICS-AN2326 Datasheet
250Kb / 20P
Calibrating the RC oscillator of the ST7ULTRALITE MCU using the mains
03-Apr-2006
UM1547 STMICROELECTRONICS-UM1547 Datasheet
523Kb / 51P
Using the firmware of the AT command set
24-Mar-2015
logo
Analog Devices
EVAL-ADPD105Z-GEN AD-EVAL-ADPD105Z-GEN Datasheet
1Mb / 26P
Supports the detection of UART
Rev. 0
logo
Everlight Electronics C...
EHP-A23 EVERLIGHT-EHP-A23 Datasheet
494Kb / 16P
Feature of the device: Small package with high efficiency.
EAFL4039W20A0 EVERLIGHT-EAFL4039W20A0 Datasheet
703Kb / 12P
Feature of the device竊쉝mall package with high efficiency
EAFL4039W22A0 EVERLIGHT-EAFL4039W22A0 Datasheet
425Kb / 12P
Feature of the device竊쉝mall package with high efficiency
logo
Figaro Engineering Inc.
TGS4161 FIGARO-TGS4161 Datasheet
235Kb / 2P
for the detection of Carbon Dioxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com