Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3072D Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3072D
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT CAMERA STROBO)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3072D Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3072D Datasheet HTML 1Page - KEC(Korea Electronics) KTC3072D Datasheet HTML 2Page - KEC(Korea Electronics) KTC3072D Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 3. 27
2/3
KTC3072D/L
Revision No : 3
Pc - Ta
AMBIENT TEMPERATURE Ta ( C)
040
20
0.2
0
0
0.4
0.4
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0
0.4
0.2
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
EMITTER CURRENT I
(A)
E
E
T
f
- I
h
- I
FE
C
C
COLLECTOR CURRENT I
(A)
0.01
0.03
100
0
I
- V
C
CE(sat)
CE(sat)
COLLECTOR-EMITTER SATURATION
0
0.2
0.4
0
60
80
100 120 140 160
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.8
1.2
1.6
2.0
2.4
2.8
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.4
Ta=25 C
2mA
3mA
4mA
5mA
6mA
I =1mA
B
7mA
0.6
0.8
1.0
1.2
1
2
3
4
5
6
7
8
V =10V
Ta=25 C
CE
VOLTAGE V
(V)
0.6
0.8
1.0
1.2
1
2
3
4
5
6
7
8
I /I =30
Ta=25 C
C B
0
100
0.1
0.3
1
3
10
200
300
400
500
600
700
800
V =2V
Ta=25 C
CE
10
3
1
0.3
0.1
0.03
0.01
200
300
400
V =6V
Ta=25 C
CE
Ta=25
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com