Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2430 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2430
Description  STR75x SystemMemory boot mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2430 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2430 Datasheet HTML 6Page - STMicroelectronics AN2430 Datasheet HTML 7Page - STMicroelectronics AN2430 Datasheet HTML 8Page - STMicroelectronics AN2430 Datasheet HTML 9Page - STMicroelectronics AN2430 Datasheet HTML 10Page - STMicroelectronics AN2430 Datasheet HTML 11Page - STMicroelectronics AN2430 Datasheet HTML 12Page - STMicroelectronics AN2430 Datasheet HTML 13Page - STMicroelectronics AN2430 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
General description
AN2430
10/24
1.4.5
Erase command
Description:
This command allows the user to erase from one to all the sectors of the Flash memory.
When the bootloader receives the Sector Erase command, it transmits the ACK byte.
After the transmission of the ACK byte, the bootloader waits for the number of bytes to be
received (number of sectors to be erased) and then receives from the user the Flash sectors
codes.
Finally, at the end of the command, the bootloader transmits the ACK byte if the erase is
completed successfully otherwise a NACK byte (0x3F) is returned and the command is
exited.
The Erase command procedure is as follows:
1.
Receive one byte which contains the number (N) of sectors to be erased.Here, N can
be a value from 0 to 9,
2.
Receive (N + 1) bytes, each byte contains a sector code. Below all the STR75x sector
codes.
Table 3.
Sector codes
Flash Sector
Sector Code
Bank 0 Sector 0
0x00
Bank 0 Sector 1
0x01
Bank 0 Sector 2
0x02
Bank 0 Sector 3
0x03
Bank 0 Sector 4
0x04
Bank 0 Sector 5
0x05
Bank 0 Sector 6
0x06
Bank 0 Sector 7
0x07
Bank 1 Sector 0
0x10
Bank 1 Sector 1
0x11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com