| Electronic Components Datasheet Search |
|
AN2502 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2502 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() March 2007 Rev 1 1/9 AN2502 Application note Enhanced sensorless startup control of BLDC motors using ST7FMC Introduction The ST7FMC microcontroller is capable of controlling 3 phase brushless DC (BLDC) motors in position sensorless mode because of its powerful motor control macro cell. It is capable of monitoring zero crossings of all 3 back EMF (BEMF) voltages using a direct BEMF detection feature, where the entire motor terminal voltage is directly applied to an onchip zero crossing detector during the zero crossing period without any attenuation. Hence it is able to track the BEMF zero crossings even at very low motor speeds. This direct BEMF detection feature helps to start the motor in auto commutated mode right from zero speed. In traditional methods, where the motor voltage signals are scaled down at the comparator input, it is necessary to step the rotor through a few rotations initially to let the comparator see sufficient levels of BEMF signals to detect zero crossings. The rate at which the rotor can be stepped through these initial rotations is highly influenced by load inertia, and hence a step timing table has to be created on the basis of load inertia. This can be a cumbersome task if the load inertia is not constant. With ST7FMC, because of the direct BEMF detection feature, this procedure can be avoided completely, thereby saving on development time as well as code memory space. In any case, an alignment of the rotor to a known position is mandatory. At the end of alignment, if a commutation is performed by switching the next set of windings into conduction, the rotor is forced to turn in the direction of new step. If the winding current is set close to rated motor current at the end of alignment, then this step change will apply a rated torque on the rotor. Generally, this torque should be sufficient to kick the rotor to turn in the right direction at a reasonable rate (or speed), inducing a reasonable BEMF in the floating winding good enough for the zero crossing detector to identify a zero crossing as the full BEMF is available at the comparator input without any attenuation. Hence from the very first step, the device can be set in auto commutated mode like in a Hall position sensor based control. www.st.com |
Similar Part No. - AN2502 |
|
Similar Description - AN2502 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |