Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1110 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1110
Description  Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1110 Datasheet(HTML) 3 Page - Linear Technology

  LT1110 Datasheet HTML 1Page - Linear Technology LT1110 Datasheet HTML 2Page - Linear Technology LT1110 Datasheet HTML 3Page - Linear Technology LT1110 Datasheet HTML 4Page - Linear Technology LT1110 Datasheet HTML 5Page - Linear Technology LT1110 Datasheet HTML 6Page - Linear Technology LT1110 Datasheet HTML 7Page - Linear Technology LT1110 Datasheet HTML 8Page - Linear Technology LT1110 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1110
3
VCESAT
Switch Saturation Voltage
VIN = 1.5V, ISW = 400mA
300
400
mV
Step-Up Mode
q
600
mV
VIN = 1.5V, ISW = 500mA
400
550
mV
q
750
mV
VIN = 5V, ISW = 1A
700
1000
mV
AV
A2 Error Amp Gain
RL = 100kΩ (Note 3)
q
1000
5000
V/V
IREV
Reverse Battery Current
(Note 4)
750
mA
ILIM
Current Limit
220
Ω Between ILIM and VIN
400
mA
Current Limit Temperature
– 0.3
%/
°C
Coefficient
ILEAK
Switch OFF Leakage Current
Measured at SW1 Pin
1
10
µA
VSW2
Maximum Excursion Below GND
ISW1 ≤ 10µA, Switch Off
– 400
– 350
mV
ELECTRICAL C
C
HARA TERISTICS T
A = 25°C, VIN = 1.5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 3: 100k
Ω resistor connected between a 5V source and the AO pin.
Note 4: The LT1110 is guaranteed to withstand continuous application of
+1.6V applied to the GND and SW2 pins while VIN, ILIM, and SW1 pins are
grounded.
The q denotes the specifications which apply over the full operating
temperature range.
Note 1: This specification guarantees that both the high and low trip point
of the comparator fall within the 210mV to 230mV range.
Note 2: This specification guarantees that the output voltage of the fixed
versions will always fall within the specified range. The waveform at the
sense pin will exhibit a sawtooth shape due to the comparator hysteresis.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Oscillator Frequency
Oscillator Frequency
Switch On Time
INPUT VOLTAGE (V)
0
64
66
70
72
74
78
80
36
912
LT1110 • TPC02
15 18 21
62
60
24 27 30
68
76
TEMPERATURE (
°C)
–50
–25
0
25
LT1110 • TPC03
50
75
100
14
13
12
11
10
9
8
7
TEMPERATURE (
°C)
–50
40
50
60
70
80
90
100
–25
0
25
50
LT1110 • TPC01
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com