Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1124 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1124
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 3 Page - Linear Technology

  LT1124 Datasheet HTML 1Page - Linear Technology LT1124 Datasheet HTML 2Page - Linear Technology LT1124 Datasheet HTML 3Page - Linear Technology LT1124 Datasheet HTML 4Page - Linear Technology LT1124 Datasheet HTML 5Page - Linear Technology LT1124 Datasheet HTML 6Page - Linear Technology LT1124 Datasheet HTML 7Page - Linear Technology LT1124 Datasheet HTML 8Page - Linear Technology LT1124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1124/LT1125
3
11245ff
For more information www.linear.com/LT1124
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1124CS8#PBF
LT1124CS8#TRPBF
1124
8-Lead Plastic SO, Rotated Pinout
0°C to 70°C
LT1124AIS8#PBF
LT1124AIS8#TRPBF
1124AI
8-Lead Plastic SO, Rotated Pinout
–40°C to 85°C
LT1124IS8#PBF
LT1124IS8#TRPBF
1124I
8-Lead Plastic SO, Rotated Pinout
–40°C to 85°C
LT1124AMPS8#PBF
LT1124AMPS8#TRPBF
124AMP
8-Lead Plastic SO, Rotated Pinout
–55°C to 125°C
LT1124CS8-1#PBF
LT1124CS8-1#TRPBF
11241
8-Lead Plastic SO, Standard Pinout 0°C to 70°C
LT1124AIS8-1#PBF
LT1124AIS8-1#TRPBF
11241
8-Lead Plastic SO, Standard Pinout –40°C to 85°C
LT1124IS8-1#PBF
LT1124IS8-1#TRPBF
11241
8-Lead Plastic SO, Standard Pinout –40°C to 85°C
LT1124AMPS8-1#PBF
LT1124AMPS8-1#TRPBF 11241
8-Lead Plastic SO, Standard Pinout –55°C to 125°C
OBSOLETE PINOUT
LT1125CSW#PBF
LT1125CSW#TRPBF
LT1125CSW
16-Lead Plastic SO Wide
0°C to 70°C
LT1125MPSW
LT1125MPSW#TR
LT1125MPSW
16-Lead Plastic SO Wide
–55°C to 125°C
LT1124ACN8#PBF
LT1124ACN8#TRPBF
LT1124ACN8
8-Lead PDIP
0°C to 70°C
LT1124CN8#PBF
LT1124CN8#TRPBF
LT1124CN8
8-Lead PDIP
0°C to 70°C
LT1125ACN#PBF
LT1125ACN#TRPBF
LT1125ACN
14-Lead PDIP
0°C to 70°C
LT1125CN#PBF
LT1125CN#TRPBF
LT1125CN
14-Lead PDIP
0°C to 70°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1124CS8
LT1124CS8#TR
1124
8-Lead Plastic SO, Rotated Pinout
0°C to 70°C
LT1124AIS8
LT1124AIS8#TR
1124AI
8-Lead Plastic SO, Rotated Pinout
–40°C to 85°C
LT1124IS8
LT1124IS8#TR
1124I
8-Lead Plastic SO, Rotated Pinout
–40°C to 85°C
LT1125CSW
LT1125CSW#TR
LT1125CSW
16-Lead Plastic SO Wide
0°C to 70°C
LT1124ACN8
LT1124ACN8#TR
LT1124ACN8
8-Lead PDIP
0°C to 70°C
LT1124CN8
LT1124CN8#TR
LT1124CN8
8-Lead PDIP
0°C to 70°C
LT1125ACN
LT1125ACN#TR
LT1125ACN
14-Lead PDIP
0°C to 70°C
LT1125CN
LT1125CN#TR
LT1125CN
14-Lead PDIP
0°C to 70°C
LT1124CJ8
LT1124CJ8#TR
LT1124CJ8
8-Lead CERAMIC DIP
0°C to 70°C
LT1124AMJ8
LT1124AMJ8#TR
LT1124AMJ8
8-Lead CERAMIC DIP
–55°C to 125°C
LT1124MJ8
LT1124MJ8#TR
LT1124MJ8
8-Lead CERAMIC DIP
–55°C to 125°C
LT1125CJ
LT1125CJ#TR
LT1125CJ
14-Lead CERAMIC DIP
0°C to 70°C
LT1125AMJ
LT1125AMJ#TR
LT1125AMJ
14-Lead CERAMIC DIP
–55°C to 125°C
LT1125MJ
LT1125MJ#TR
LT1125MJ
14-Lead CERAMIC DIP
–55°C to 125°C
OBSOLETE PACKAGE
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com