Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1189 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1189
Description  Low Power Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1189 Datasheet(HTML) 5 Page - Linear Technology

  LT1189 Datasheet HTML 1Page - Linear Technology LT1189 Datasheet HTML 2Page - Linear Technology LT1189 Datasheet HTML 3Page - Linear Technology LT1189 Datasheet HTML 4Page - Linear Technology LT1189 Datasheet HTML 5Page - Linear Technology LT1189 Datasheet HTML 6Page - Linear Technology LT1189 Datasheet HTML 7Page - Linear Technology LT1189 Datasheet HTML 8Page - Linear Technology LT1189 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1189
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Input Bias Current vs
Common-Mode Voltage vs
Common-Mode Voltage
Input Bias Current vs Temperature
Temperature
COMMON-MODE VOLTAGE (V)
–5
– 0.5
0
0.5
1.5
2.5
–3
0
2
4
LT1189 • TPC01
–4
–2
1
3
125°C
–55°C
25°C
VS = ±5V
–1
5
1.0
2.0
3.0
TEMPERATURE (°C)
–50
–400
–300
–200
–100
0
100
0
25
75
125
LT1189 • TPC02
–25
50
100
+IB
–IB
IOS
VS = ±5V
Equivalent Input Noise Voltage vs
Equivalent Input Noise Current vs
Frequency
Frequency
Supply Current vs Supply Voltage
FREQUENCY (Hz)
120
160
10
1k
10k
100k
LT1189 • TPC04
0
100
80
V = ±5V
T = 25°C
R = 0
S
A
S
Ω
40
200
60
140
100
180
20
FREQUENCY (Hz)
2
12
10
1k
10k
100k
LT1189 • TPC05
0
100
6
4
8
10
VS = ±5V
TA = 25°C
RS = 100k
±SUPPLY VOLTAGE (V)
0
8
12
14
16
246
10
LT1189 • TPC06
8
–55°C
25°C
125°C
10
Shutdown Supply Current vs
Temperature
Gain Error vs Temperature
Open-Loop Gain vs Temperature
TEMPERATURE (°C)
–50
0
2.0
3.0
4.0
5.0
6.0
0
25
75
125
LT1189 • TPC07
1.0
–25
50
100
V = ±5V
S
VS/D = –VEE + 0.6V
VS/D = –VEE + 0.4V
VS/D = –VEE
VS/D = –VEE + 0.2V
TEMPERATURE (°C)
LT1189 • TPC08
–50
–2.4
–1.6
–1.2
0
50
100
125
–2.0
–25
25
75
–1.4
–1.8
–2.2
VS = ±5V
VOUT = ±1V
AV = 10
RL = 1k
0
4
8
12
16
TEMPERATURE (°C)
–50
0
50
100
125
LT1189 • TPC09
–25
25
75
RL = 1k
RL = 500Ω
VS = ±5V
VO = ±3V
14
10
6
2
TEMPERATURE (°C)
2.0
V+
– 50
25
75
125
LT1189 • TPC03
V–
0
1.0
–1.0
–2.0
–0.5
–1.5
1.5
0.5
–25
50
100
V+ = 1.8V TO 9V
V+ = –1.8V TO –9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com