Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1301 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1301
Description  Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1301 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1301 Datasheet HTML 4Page - Linear Technology LT1301 Datasheet HTML 5Page - Linear Technology LT1301 Datasheet HTML 6Page - Linear Technology LT1301 Datasheet HTML 7Page - Linear Technology LT1301 Datasheet HTML 8Page - Linear Technology LT1301 Datasheet HTML 9Page - Linear Technology LT1301 Datasheet HTML 10Page - Linear Technology LT1301 Datasheet HTML 11Page - Linear Technology LT1301 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1301
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
N8 0392
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
N8 Package
8-Lead Plastic DIP
S8 Package
8-Lead Plastic S0IC
1
2
3
4
0.150 – 0.
(3.810 – 3.
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0294
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com