Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1581 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1581
Description  10A, Very Low Dropout Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1581 Datasheet(HTML) 2 Page - Linear Technology

  LT1581_15 Datasheet HTML 1Page - Linear Technology LT1581_15 Datasheet HTML 2Page - Linear Technology LT1581_15 Datasheet HTML 3Page - Linear Technology LT1581_15 Datasheet HTML 4Page - Linear Technology LT1581_15 Datasheet HTML 5Page - Linear Technology LT1581_15 Datasheet HTML 6Page - Linear Technology LT1581_15 Datasheet HTML 7Page - Linear Technology LT1581_15 Datasheet HTML 8Page - Linear Technology LT1581_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1581/LT1581-2.5
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PRECONDITIONING
100% Thermal Limit Functional Test
Consult factory for Industrial and Military grade parts.
LT1581CT7
LT1581CT7-2.5
ORDER PART
NUMBER
(Note 1)
VPOWER Input Voltage ................................................ 6V
VCONTROL Input Voltage ........................................... 13V
Operating Junction Temperature Range
Control Section ...................................... 0
°C to 125°C
Power Transistor ................................... 0
°C to 150°C
Storage Temperature ............................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
*PIN2 = NC FOR LT1581CT7, GND FOR LT1581CT7-2.5
T7 PACKAGE
7-LEAD PLASTIC TO-220
FRONT VIEW
TAB IS
OUTPUT
NC
VCONTROL
VPOWER
OUTPUT
SENSE
NC/GND*
ADJUST
7
6
5
4
3
2
1
θJA = 50°C/ W
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage:
LT1581-2.5
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 0mA
2.485
2.500
2.515
V
VCONTROL = 4V to 12V, VPOWER = 3V to 5.5V, ILOAD = 0mA to 4A
q
2.475
2.500
2.525
V
VCONTROL = 4V to 12V, VPOWER = 3.3V to 5.5V, ILOAD = 0mA to 10A
q
2.475
2.500
2.525
V
Reference Voltage:
LT1581
VCONTROL = 2.75V, VPOWER = 2V, ILOAD = 10mA
1.243
1.250
1.257
V
(VADJ = 0V)
VCONTROL = 2.7V to 12V, VPOWER = 1.75V to 5.5V, ILOAD = 0mA to 4A
q
1.237
1.250
1.263
V
VCONTROL = 2.7V to 12V, VPOWER = 2.05V to 5.5V, ILOAD = 0mA to 10A q
1.237
1.250
1.263
V
Line Regulation: LT1581-2.5
VCONTROL = 3.65V to 12V, VPOWER = 3V to 5.5V, ILOAD = 10mA
q
13
mV
LT1581
VCONTROL = 2.5V to 12V, VPOWER = 1.75V to 5.5V, ILOAD = 10mA
q
13
mV
Load Regulation: LT1581-2.5
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 0mA to 10A
q
110
mV
LT1581 (VADJ = 0V)
VCONTROL = 2.75V, VPOWER = 2.1V, ILOAD = 10mA to 10A
q
15
mV
Minimum Load Current: LT1581
VCONTROL = 5V, VPOWER = 3.3V, VADJ = 0V (Note 4)
q
310
mA
Control Pin Current: LT1581-2.5
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 100mA
q
510
mA
(Note 5)
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 4A
q
20
50
mA
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 7A
q
40
100
mA
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 10A
q
70
170
mA
Control Pin Current: LT1581
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 100mA
q
510
mA
(Note 5)
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 4A
q
20
50
mA
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 7A
q
40
100
mA
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 10A
q
70
170
mA
Ground Pin Current: LT1581-2.5
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 0mA
q
610
mA
Adjust Pin Current: LT1581 (VADJ = 0V) VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 10mA
q
60
120
µA
Current Limit:
LT1581-2.5
VCONTROL = 5V, VPOWER = 3.3V, ∆VOUT = 100mV
q
10.1
11
A
LT1581 (VADJ = 0V)
VCONTROL = 2.75V, VPOWER = 2.05V, ∆VOUT = 100mV
q
10.1
11
A
Ripple Rejection: LT1581-2.5
VCONTROL = VPOWER = 5V Avg, VRIPPLE = 1VP-P, fRIPPLE = 120Hz,
55
80
dB
IOUT = 4A, TJ = 25°C
LT1581
VCONTROL = VPOWER = 3.75V Avg, VRIPPLE = 1VP-P, fRIPPLE = 120Hz,
60
80
dB
VADJ = 0V, IOUT = 4A, TJ = 25°C
Thermal Regulation
30ms Pulse
0.004
0.020
%/W
Thermal Resistance, Junction-to-Case
Control Circuitry/Power Transistor
0.65/2.50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com