Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1673 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1673
Description  Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1673 Datasheet(HTML) 2 Page - Linear Technology

  LT1673_15 Datasheet HTML 1Page - Linear Technology LT1673_15 Datasheet HTML 2Page - Linear Technology LT1673_15 Datasheet HTML 3Page - Linear Technology LT1673_15 Datasheet HTML 4Page - Linear Technology LT1673_15 Datasheet HTML 5Page - Linear Technology LT1673_15 Datasheet HTML 6Page - Linear Technology LT1673_15 Datasheet HTML 7Page - Linear Technology LT1673_15 Datasheet HTML 8Page - Linear Technology LT1673_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1672/LT1673/LT1674
S8 PART MARKING
Total Supply Voltage (V + to V ) .............................. 36V
Differential Input Voltage ......................................... 36V
Input Current ......................................................
±10mA
Output Short-Circuit Duration ....................... Continuous
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 150°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
S8 PART MARKING
1673
1673I
LT1672CMS8
LT1672IMS8
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Specified Temperature Range (Note 3) ... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Junction Temperature ........................................... 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
N PACKAGE
14-LEAD PDIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
A
B
D
C
ORDER PART
NUMBER
LT1674CN
LT1674CS
LT1674IN
LT1674IS
TJMAX = 150°C, θJA = 110°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
ORDER PART
NUMBER
MS8 PART MARKING
LTFH
LTFJ
LT1673CN8
LT1673CS8
LT1673IN8
LT1673IS8
1
2
3
4
NC
–IN
+IN
V
8
7
6
5
NC
V+
OUT
NC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/ W
LT1672CN8
LT1672CS8
LT1672IN8
LT1672IS8
ORDER PART
NUMBER
1672
1672I
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
NC
–IN
+IN
V
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
Consult factory for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V
150
375
µV
VS = 3V
200
475
µV
VS = 5V, MS8 Package
150
475
µV
VS = 3V, MS8 Package
200
575
µV
IB
Input Bias Current
(Note 5)
250
1000
pA
VCM = 10V (Note 6)
180
360
nA
IOS
Input Offset Current
(Note 5)
20
100
pA
Input Noise Voltage
0.1Hz to 10Hz
4
µVP-P
TA = 25°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VO = half supply, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com