Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2526 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2526
Description  STMAV340 has 4 channels and a 2 to 1 video switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2526 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2526 Datasheet HTML 2Page - STMicroelectronics AN2526 Datasheet HTML 3Page - STMicroelectronics AN2526 Datasheet HTML 4Page - STMicroelectronics AN2526 Datasheet HTML 5Page - STMicroelectronics AN2526 Datasheet HTML 6Page - STMicroelectronics AN2526 Datasheet HTML 7Page - STMicroelectronics AN2526 Datasheet HTML 8Page - STMicroelectronics AN2526 Datasheet HTML 9Page - STMicroelectronics AN2526 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PCB layout recommendation
AN2526
6/10
2
PCB layout recommendation
For the purpose of maintaining 75
Ω track for all the analog lines, a 4-layer structure is
recommended. All the analog tracks are routed on the top layer of the board. The middle two
layers are used for both analog and digital ground.
The middle two layers are identical and separated into two sections, analog and digital
grounds. They are separated by a slot area and are only connected at the top layer through
ferrite bead. This ensures that the digital switching noise does not get coupled to the analog
portion.
All the analog tracks are routed on top of the analog ground and all the digital tracks are
routed on top of digital ground. There is one signal, the SEL line, which needs to cross from
analog to the digital portion. The crossing is done at the bottom layer exactly below where
the ferrite bead is used to bridge the analog and digital ground. Since the SEL digital line is
mostly static during operation, it does not cause any disruption to the analog portion.
STMAV340 supply is connected to VCC5V analog and GND analog. To further guarantee
the stability of STMAV340 supply, a 100 nF capacitor is used to decouple the VCC pin. The
stability of the analog supply lines is of significant importance since the bias level of
STMAV340 is referenced to it. Any instability on the analog supply affects the switch
characteristics.
Each set of video signals, RGB1, RGB2, and RGB_OUT are routed with the same track
length. This guarantees minimum channel-to-channel delay. To guarantee the impedance
match on the analog lines, no via is used for routing these signals.
12
Jumper
JP1, JP2, JP3, JP4, JP5, JP6,
JP7, JP8, JP9, JP10.
HDR 2X1
13
10k Resistor
R1, R2
0603
Table 4.
Bill of materials (BOM) (continued)
No
Component
Designator
Package
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com