Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3210 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3210
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3210 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3210 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3210 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1999. 9. 10
2/2
KTC3210
Revision No : 0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
COLLECTOR CURRENT I
(mA)
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
h
- I
I
- V
CBE
BE
BASE-EMITTER VOLTAGE V
(V)
0
0
V
- I
C
COLLECTOR CURRENT I
(mA)
1
3
1k
5k
0.01
2468
10
12
14
200
400
600
800
1000
1200
1400
1600
COMMON
EMITTER
Ta=25 C
10
8
6
4
3
2
0
I =1mA
B
CE(sat)
C
100
10
30
300
0.03
0.05
0.1
0.3
0.5
1
COMMON EMITTER
I /I =50
C B
Ta=-25 C
Ta=25 C
Ta=100 C
FE
C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
200
400
600
800
1000
1200
1400
1600
COMMON
EMITTER
V
=2V
CE
0
0
20
40
60
80
100
120
140
160
100
200
300
400
500
600
700
100
10
10
50
30
13
COMMON EMITTER
1k
100
30
300
V
=2V
CE
5k
1k
300
500
Ta=100 C
Ta=25 C
Ta=-25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com