Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6708 Datasheet(PDF) 14 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 14 Page - NEC

Back Button UPD6708 Datasheet HTML 10Page - NEC UPD6708 Datasheet HTML 11Page - NEC UPD6708 Datasheet HTML 12Page - NEC UPD6708 Datasheet HTML 13Page - NEC UPD6708 Datasheet HTML 14Page - NEC UPD6708 Datasheet HTML 15Page - NEC UPD6708 Datasheet HTML 16Page - NEC UPD6708 Datasheet HTML 17Page - NEC UPD6708 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
14
µPD6708
(7)
Parity bits
Parity bits are used to check that there is no error in the transfer data.
A parity bit is added to the master address bits, slave address bits, control bits, message length bits, and data bits.
Even parity is used. If the number of the bits that are ‘1’ bits in data is odd, the parity bit is ‘1’, and if the number of the
bits that are ‘1’ bits is even, the parity bit is ‘0’.
(8)
Acknowledge bits
In ordinary communication (between two units), an acknowledge bit is added to the following places to confirm that data
has been acknowledged correctly.
At the end of the slave address field.
At the end of the control field.
At the end of the message length field.
At the end of a data field.
The definition of the acknowledge bit is as follows.
‘0’: Indicates that transfer data has been acknowledged (ACK).
‘1’: Indicates that transfer data has not been acknowledged (NAK).
Note that the value of the acknowledge bit is ignored in broadcast communication.
<1> Acknowledge bit at the end of the slave field
When any of the following conditions is met, the acknowledge bit at the end of the slave field is NAK, and
communication is discontinued.
If the parity of the master address bits or slave address bits is incorrect.
If a timing error (error in bit format) occurs.
If the slave unit does not exist.
<2> Acknowledge bit at the end of the control field
When any of the following conditions is met, the acknowledge bit at the end of the control field is NAK, and
communication is discontinued.
If the parity of the control bits is incorrect.
If bit 3 of the control bits is ‘1’ (write operation) when the slave receive buffer Note is not empty.
If the control bits indicate read operation (3H or 7H) when the slave transmit buffer Note is empty.
If 3H, 6H, 7H, AH, BH, EH, or FH of control bits is requested from a unit other than the unit which set the lock when
a lock has been set.
If the control bits indicate lock address read (4H) when a lock has not been set.
If a timing error occurs.
If the control bits are undefined.
Note
See 2.4 (1) “Reading slave status (SSR) (control bit: 0H, 6H)”.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com