Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS2PH10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS2PH10
Description  High Voltage Surface Mount Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2PH10 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS2PH10 Datasheet HTML 1Page - Vishay Siliconix SS2PH10 Datasheet HTML 2Page - Vishay Siliconix SS2PH10 Datasheet HTML 3Page - Vishay Siliconix SS2PH10 Datasheet HTML 4Page - Vishay Siliconix SS2PH10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS2PH9, SS2PH10
www.vishay.com
Vishay General Semiconductor
Revision: 16-Jan-14
2
Document Number: 84682
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 15 mm x 15 mm copper pad areas.
RJC is measured at the top center of the body
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage
IF = 2.0 A
TJ = 25 °C
VF (1)
0.77
0.80
V
TJ = 125 °C
0.62
0.66
Maximum reverse current at rated VR
TJ = 25 °C
IR (2)
0.1
1.0
μA
TJ = 125 °C
60
500
Typical junction capacitance
4.0 V, 1 MHz
CJ
65
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2PH9
SS2PH10
UNIT
Typical thermal resistance
RJA (1)
110
°C/W
RJL (1)
15
RJC (1)
25
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS2PH9-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SS2PH9-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
SS2PH9HM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
SS2PH9HM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
2.5
2.0
1.5
1.0
0.5
0
25
50
75
100
125
150
175
TL - Lead Temperature (°C)
T
L Measured
at the Cathode Band Terminal
50
40
30
20
10
0
1
10
100
Number of Cycles at 50 Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com