Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3423 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3423
Description  TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO FREQUENCY AMPLIFIER)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3423 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3423 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3423 Datasheet HTML 2Page - KEC(Korea Electronics) KTC3423 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 7. 24
2/3
KTC3423
Revision No : 1
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
10
500
100
30
1
0.5
COLLECTOR CURRENT I
(mA)
C
h
- I
V
- I
C
COLLECTOR CURRENT I (mA)
0.5
1
30
100
0.05
20
1k
100
30
1
0.5
COLLECTOR CURRENT I
(mA)
C
h
- I
V
- I
C
COLLECTOR CURRENT I (mA)
0.5
1
30
100
0.03
2468
10
12
10
20
30
40
50
50
40
30
20
10
1.2
1.0
0.8
0.6
0.4
0.2
I
- V
CBE
BE
BASE-EMITTER VOLTAGE V
(V)
0
0
COMMON EMITTER
Ta=25 C
300
150
100
I =50µA
0
B
200
FE
C
310
5
50
100
300
500
COMMON
V =5V
CE
EMITTER
Ta=100 C
Ta=25 C
Ta=0 C
CE(sat)
C
10
35
50
0.1
0.3
0.5
1
3
COMMON
Ta=25 C
EMITTER
I
/I
=20
C
B
B
C
I /I
=10
I /I
=5
C B
CE(sat)
C
35
10
50
0.05
0.1
0.3
0.5
1
2
COMMON EMITTER
I /I =10
CB
Ta=
100
C
Ta=25 C
Ta=0 C
COMMON
V =5V
CE
EMITTER
FE
C
10
35
50
30
50
100
300
COMMON EMITTER
Ta=25 C
V =10V
CE
CE
V
=5V
50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com