Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2604 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2604
Description  STM32F101xx and STM32F103xx RTC calibration
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2604 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2604 Datasheet HTML 6Page - STMicroelectronics AN2604 Datasheet HTML 7Page - STMicroelectronics AN2604 Datasheet HTML 8Page - STMicroelectronics AN2604 Datasheet HTML 9Page - STMicroelectronics AN2604 Datasheet HTML 10Page - STMicroelectronics AN2604 Datasheet HTML 11Page - STMicroelectronics AN2604 Datasheet HTML 12Page - STMicroelectronics AN2604 Datasheet HTML 13Page - STMicroelectronics AN2604 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN2604 - Application note
Calculating calibration over a temperature range
11/14
3
Calculating calibration over a temperature range
The calibration procedure described so far aims at calculating the correction for a specific
temperature. This section provides a procedure for minimizing the frequency variation over a
wider temperature range. This involves adjusting the frequency curve so that there is an
equal amount of error above and below the zero (0) ppm point. Figure 3 on page 11 shows
how the frequency error can be minimized over a given temperature range.
The variables in the equation:
(see Section 1.1 on page 5) are the
following:
acc = Accuracy, in ppm, of the frequency, at the turnover temperature
K = Curvature characteristic = –0.04 ppm/°C2
To = Turnover temperature in degrees Celsius = 25 °C ± 5 °C
T = Working temperature in degrees Celsius
For example, if a device shows a deviation of +27 ppm at room temperature, but the
operating temperature is 40 °C in the application, the equation may be used to calculate the
required calibration value as follows:
Since the accuracy deviation is 18 ppm, the nearest calibration value as indicated in Table 1
on page 7, is 19.
Figure 3.
Crystal accuracy over a temperature range
acc
k
T
To
()
2
×
=
acc
27ppm
0.04ppm
() ° C
2
()
40
° C25° C
()
2
×
+
=
acc
18ppm
=
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
30
40
–30
–20
–10
0
10
20
30
40
50
60
70
80
Temperature ˚C
After calibration
Before calibration
ai14629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com