Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2633 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 9Page - STMicroelectronics AN2633 Datasheet HTML 10Page - STMicroelectronics AN2633 Datasheet HTML 11Page - STMicroelectronics AN2633 Datasheet HTML 12Page - STMicroelectronics AN2633 Datasheet HTML 13Page - STMicroelectronics AN2633 Datasheet HTML 14Page - STMicroelectronics AN2633 Datasheet HTML 15Page - STMicroelectronics AN2633 Datasheet HTML 16Page - STMicroelectronics AN2633 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AN2633
Power supply and clocks
13/48
(1) The OFF and ON state can be configured in Idle mode gating register 0 (SCU_MGR0)
and the mode gating mask register 1 (SCU_MGR1)
Table 1.
Comparison of power control modes
Power State
Clocks
Wake-up event
Description
Normal Run mode
- All clocks are ON
- CPU is clocked by RCLK
(divided by RCLKDIV)
- Peripherals active if
enabled by the Peripheral
Clock Gating Registers
Special Interrupt
Run mode
- CPU is clocked by RCLK
- While executing interrupt
service routines, CPU is
clocked by fMSTR
(RCLKDIV is bypassed)
in Special Interrupt Run
mode FIQ.
- In Special Interrupt Run
mode using IRQ,CPU
operates at full speed,
when the IRQ service
routine reads the vector
address register in the
VIC.
- Peripherals active if
enabled by the Peripheral
Clock Gating Registers
Idle mode
-ARMCLK = OFF
-FMICLK = OFF
-HCLK = ON(1)
-PCLK = ON(1)
-External reset
-WDG reset
-Interrupts
-RTC Alarm
-External wake-up
- CPU off
- Peripherals active if
enabled by the Peripheral
Clock Gating Registers
AND the corresponding
bit is set in the Idle Mode
Gating Mask Registers
Sleep mode
-ARMCLK = OFF
-FMICLK = OFF
-HCLK = OFF
-PCLK = OFF
-External reset
-External wake-up
-RTC Alarm
- All clocks off except RTC
- Flash memory in power
down mode
- PLL off
- Oscillator pin (4-25 MHz)
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com