Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2669 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2669
Description  How to configure the STM8A microcontroller clocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2669 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2669 Datasheet HTML 1Page - STMicroelectronics AN2669 Datasheet HTML 2Page - STMicroelectronics AN2669 Datasheet HTML 3Page - STMicroelectronics AN2669 Datasheet HTML 4Page - STMicroelectronics AN2669 Datasheet HTML 5Page - STMicroelectronics AN2669 Datasheet HTML 6Page - STMicroelectronics AN2669 Datasheet HTML 7Page - STMicroelectronics AN2669 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2008
Rev 2
1/8
AN2669
Application note
How to configure the STM8A microcontroller clocks
Introduction
The STM8A microcontroller has a very flexible clock controller (CLK) that allows the clocks
to be reconfigured at any time to suit different requirements or functional modes in the
application.
There are four clock sources that can be used.
■ 1-24 MHz high speed external crystal (HSE)
■ Up to 24 MHz high speed user-external clock (HSE user-ext)
■ 16 MHz high speed internal RC oscillator (HSI)
■ 128 kHz low speed internal RC (LSI)
This application note provides practical examples of how to program the STM8A CLK
registers. The source code of the examples is included in the STM8 firmware library.
For further information and a hardware description of the STM8A CLK, please refer to the
section on ‘Clock control (CLK)’ in the STM8A microcontroller family reference manual
(RM0009). Please contact STMicroelectronics for information on the STM8 firmware library.
www.st.com


Similar Part No. - AN2669

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN266 SILABS-AN266 Datasheet
1Mb / 8P
VCXO TUNING SLOPE, STABILITY, AND ABSOLUTE PULL RANGE
More results

Similar Description - AN2669

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN934 STMICROELECTRONICS-AN934 Datasheet
129Kb / 14P
How to use the digital calibration feature
07-Oct-2011
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
How to use the BT_HTS_RX_R2
Sep-2007
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
The document explains how to design
Rev. 1.0
AN3023 STMICROELECTRONICS-AN3023 Datasheet
289Kb / 23P
Using the analog-to-digital converter of the STM8A microcontroller
16-Oct-2009
AN3140 STMICROELECTRONICS-AN3140 Datasheet
272Kb / 14P
How to configure the SPEAr3xx general purpose timers
03-May-2010
AN3202 STMICROELECTRONICS-AN3202 Datasheet
167Kb / 11P
How to configure the SPEAr600 general purpose timers
03-May-2010
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
How to program STM8S and STM8A Flash program memory and data EEPROM
06-Jun-2011
PM0064 STMICROELECTRONICS-PM0064 Datasheet
130Kb / 13P
How to program the STM8T141 OTP options
16-May-2011
logo
Silicon Laboratories
AN837 SILABS-AN837 Datasheet
922Kb / 3P
How to Configure a Low-Power Timer/Oscillator to Operate from Higher Supply Voltages
AN746 SILABS-AN746 Datasheet
1Mb / 30P
How to configure the Si4012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com