Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6708GS Datasheet(PDF) 33 Page - NEC

Part # UPD6708GS
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708GS Datasheet(HTML) 33 Page - NEC

Back Button UPD6708GS Datasheet HTML 29Page - NEC UPD6708GS Datasheet HTML 30Page - NEC UPD6708GS Datasheet HTML 31Page - NEC UPD6708GS Datasheet HTML 32Page - NEC UPD6708GS Datasheet HTML 33Page - NEC UPD6708GS Datasheet HTML 34Page - NEC UPD6708GS Datasheet HTML 35Page - NEC UPD6708GS Datasheet HTML 36Page - NEC UPD6708GS Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
33
µPD6708
5.2.3
MREQ1 command (command code: 0010)
(1)
Functions
This command executes a master communication (transmission or reception). After execution of the command, the unit
begins communication as the master unit. As long as it does not lose in arbitration, the master unit will communicate with
the slave unit which has the slave address specified by SETSA command.
<1> Selected broadcast communication or ordinary communication
Broadcast communication selection
: 0H (broadcast bit ‘0’ output)
Ordinary communication selection
: 8H (broadcast bit ‘1’ output)
<2> Sets the control bits (4 bits)
<3> Sets the number of transmit data bytes (8 bits) (transmission only)
Table 5-6. Number of Transmit Data Bytes Setting
Number of Transmit Data Bytes
Command Parameter
1 byte
1H
2 bytes
2H
::
::
255 bytes
FFH
256 bytes
00H
<4> Sets the transmit data (transmission only)
(2)
Example
When the MREQ1 command is used to select ‘ordinary communication’, set the control bit to ‘AH’ (command write and
lock), the number of transmit data bytes to 4, and the transmit data to 12H, 34H, 56H, and 78H, the contents of WDB and
CMR are shown below.
Caution Transmit data 56H and 78H should be set when the above command parameters have been read and WDB
is empty.
1000
1010
0000
0100
0100
0010
First Byte
Second Byte
Broadcast
Bits
Number of Transmit
Data Bytes
Third Byte
Fourth Byte
WDB
CMR
Control
Bits
First
Data Byte
Second
Data Byte
0011
0010
0001
0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com