Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2692 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2692
Description  How to program/reprogram the ST10F269Zx Flash memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2692 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2692 Datasheet HTML 6Page - STMicroelectronics AN2692 Datasheet HTML 7Page - STMicroelectronics AN2692 Datasheet HTML 8Page - STMicroelectronics AN2692 Datasheet HTML 9Page - STMicroelectronics AN2692 Datasheet HTML 10Page - STMicroelectronics AN2692 Datasheet HTML 11Page - STMicroelectronics AN2692 Datasheet HTML 12Page - STMicroelectronics AN2692 Datasheet HTML 13Page - STMicroelectronics AN2692 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Introduction to ST10F269Zx 0.35 µm embedded Flash memory
AN2692
10/29
1.2.4
Boot block architecture
The ST10F269Zx with a 0.35 µm embedded Flash memory has the same boot blocks as
the M29F400 standalone Flash memory: 4 boot blocks (16 Kbyte, then 8 Kbyte, 8 Kbyte and
32 Kbyte).
1.2.5
Protection
Compared to standalone Flash memories, the ST10F269Zx with an embedded Flash
memory provides 2 different protections:
●
Block protection, as already implemented on ST standalone Flash memories, protects
each block against inadvertent erasing,
●
Code protection, is a set of new commands to protect the proprietary code written in
the Flash memory: code protection disables data operand accesses and program
branches from any location outside the embedded Flash memory.
The different protections are controlled through the Flash memory Protection Register. It is
identical to the one of standalone Flash memories except for the code protection.
The Flash memory Protection Register is a non-volatile register that contains the protection
status. This register can be read by using the Read Protection Status (RP) command, and
programmed by using the dedicated Set Block/Code Protection commands.
Flash memory Protection Register (PR)
FSB.2 bit Flash Status Bit 2: Toggle bit
This toggle bit, together with FSB.6, can be used to determine the chip status during the Erase or
Erase Suspend mode. It can also be used to identify the block being Erase-Suspended. A Read
operation will cause FSB.2 to Toggle during the Erase mode. If the Flash memory is in Erase
Suspend mode, a read operation from the Erase-Suspended block or a program operation into the
Erase-Suspended block will cause FSB.2 to toggle.
When the Flash memory is in program mode during Erase Suspend, FSB.2 will be read as ‘1’ if
address used is the address of the word being programmed.
After Erase completion with an error status, FSB.2 will toggle when reading the faulty sector.
15
14
13
12
11
10
9876543210
CP
BP6
BP5
BP4
BP3.3
BP2.2
BP1
BP0
BPx bits Block x Protection bit (x = 0...10)
‘0’: block protection is enabled for block x. Programming or erasing the block is not possible, unless
a Block Temporary Unprotection command is issued.
1’: block protection is disabled for block x.
Bit is ‘1’ by default, and can be permanently programmed to ‘0’ using the Set Block Protection
command but then cannot be set to ‘1’ again. It is therefore possible to temporarily disable the block
protection using the Block Temporary Unprotection command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com