Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2703 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2703
Description  All datasheet parameters are rated as minimum or maximum values
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2703 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2703 Datasheet HTML 1Page - STMicroelectronics AN2703 Datasheet HTML 2Page - STMicroelectronics AN2703 Datasheet HTML 3Page - STMicroelectronics AN2703 Datasheet HTML 4Page - STMicroelectronics AN2703 Datasheet HTML 5Page - STMicroelectronics AN2703 Datasheet HTML 6Page - STMicroelectronics AN2703 Datasheet HTML 7Page - STMicroelectronics AN2703 Datasheet HTML 8Page - STMicroelectronics AN2703 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AN2703
Parameters
5/9
Vto / Rd
Threshold voltage
Dynamic on-state resistance
These two parameters are used to calculate the instantaneous voltage drop
according to the relation VT = Vto + Rd x IT.
They are also useful to calculate the power dissipation of the device:
For SCR:
For TRIACs:
IDRM / IRRM
IRM or IR
Maximum forward and reverse leakage current (SCRs, TRIACs and ACS)
Maximum leakage current for diodes
This is the current flowing through the device when it is in the OFF state, at the
specified VDRM or VRRM value for TRIACs or SCRs, or VR for diodes or
DIACs.
Please refer to Appendix A: Testing method for parameters.
tgt
Turn-on time
This is the time between the beginning of the gate current pulse (10% of its peak
value) and when the A-K voltage of the SCR or A2-A1 voltage of the TRIAC has
fallen down to 10% of its previous stand-off value.
tq
Turn-off time
This parameter is specific to SCRs. After this time, a positive voltage rate can be
applied across Anode and Cathode without causing any spurious firing. This
parameter defines the maximum operating frequency of the SCR.
td
Delay time
This is the time between the beginning of the gate current pulse (10% of its peak
value) and the beginning of the decrease of the A2-A1 or A-K voltage (90% of its
peak value).
tρ
Rise time
For a DIAC, this is the time between 10% and 90% of the peak current
generated when the component discharge a specified capacitor into a specified
load.
VBR
Breakdown voltage
This is the voltage across the device, at off-state, measured at a specified
current level. This parameter is specific for some ASDTM and protection
devices.
αT
Temperature coefficient
This is the positive temperature coefficient of the breakover voltage. This
parameter is generally specified in percentage, for specific devices.
VO
Output voltage
For a DIAC, this is the peak voltage across a 20
Ω resistor in series with the
device during the discharge of a specified capacitor.
Table 2.
Electrical characteristics parameters (continued)
Parameter
Name and description
2
)
RMS
(
T
d
)
AV
(
T
0
t
I
R
I
V
+
´
=
2
)
RMS
(
T
d
)
RMS
(
T
0
t
I
R
I
V
2
2
+
´
=
p



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com