Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1279 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1279
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1279 Datasheet HTML 2Page - Linear Technology LTC1279 Datasheet HTML 3Page - Linear Technology LTC1279 Datasheet HTML 4Page - Linear Technology LTC1279 Datasheet HTML 5Page - Linear Technology LTC1279 Datasheet HTML 6Page - Linear Technology LTC1279 Datasheet HTML 7Page - Linear Technology LTC1279 Datasheet HTML 8Page - Linear Technology LTC1279 Datasheet HTML 9Page - Linear Technology LTC1279 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1279
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT FREQUENCY (Hz)
10k
80
70
60
50
40
30
20
10
0
100k
1M
10M
1279 G04
fSAMPLE = 600kHz
VIN = –60dB
VIN = –20dB
VIN = 0dB
S/(N + D) vs Input Frequency
and Amplitude
INPUT FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100k
1M
1279 G06
2M
THD
2ND HARMONIC
3RD HARMONIC
fSAMPLE = 600kHz
Distortion vs Input Frequency
Peak Harmonic or Spurious
Noise vs Input Frequency
INPUT FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100k
1M
1279 G07
2M
fSAMPLE = 600kHz
INPUT FREQUENCY (Hz)
10k
80
70
60
50
40
30
20
10
0
100k
1M
10M
1279 G05
fSAMPLE = 600kHz
Signal-to-Noise Ratio (Without
Harmonics) vs Input Frequency
Intermodulation Distortion Plot
SOURCE RESISTANCE (
Ω)
10
2500
2000
1500
1000
500
0
100
1k
10k
1279 G09
TA = 25°C
Acquisition Time vs
Source Impedance
Supply Current vs Temperature
TEMPERATURE (
°C)
–55
15
12
9
6
3
0
0
50
75
1279 G10
–25
25
100
125
fSAMPLE = 600kHz
RIPPLE FREQUENCY (Hz)
1k
0
–20
–40
–60
–80
–100
–120
10k
100k
1M
1279 G11
fSAMPLE = 600kHz
VSS(VRIPPLE = 10mV)
AVDD(VRIPPLE = 1mV)
DGND(VRIPPLE = 100mV)
Power Supply Feedthrough vs
Ripple Frequency
LOAD CURRENT (mA)
–8
2.435
2.430
2.425
2.420
2.415
2.410
2.405
2.400
2.395
2.390
–6
–4 –3
1
2
1279 G12
–7
–5
–2 –1
0
Reference Voltage vs
Load Current
FREQUENCY (kHz)
0
50
100
150
200
1279 G08
250
300
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fSAMPLE = 600kHz
fa = 94.189kHz
fb = 97.705kHz
(fb – fa)
(2fa – fb)
(2fa)
(2fb)
(3fa)
(2fb – fa)
(fa) (fb)
(fa + fb) (2fa + fb)
(fa + 2fb)
(3fb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com