Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1393 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1393
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1393 Datasheet(HTML) 4 Page - Linear Technology

  LTC1393 Datasheet HTML 1Page - Linear Technology LTC1393 Datasheet HTML 2Page - Linear Technology LTC1393 Datasheet HTML 3Page - Linear Technology LTC1393 Datasheet HTML 4Page - Linear Technology LTC1393 Datasheet HTML 5Page - Linear Technology LTC1393 Datasheet HTML 6Page - Linear Technology LTC1393 Datasheet HTML 7Page - Linear Technology LTC1393 Datasheet HTML 8Page - Linear Technology LTC1393 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1380/LTC1393
TYPICAL PERFOR A CE CHARACTERISTICS
VS (V)
– 4.5
0.010
– 2.5
– 0.5 0.5
4.5
1380/93 G04
0.008
0.006
0.004
0.002
0
– 0.002
– 0.004
– 0.006
– 0.008
– 0.010
– 3.5
–1.5
1.5 2.5 3.5
TA = 25°C
VCC = 5V
VEE = –5V
VCC = 5V
VEE = 0V
VCC = 2.7V
VEE = 0V
Off-Channel Output Leakage
vs Temperature
TEMPERATURE (
°C)
–50
1
10
1000
25
75
1380/93 G07
0.1
0.01
–25
0
50
100
125
0.001
0.0001
100
VCC = 2.7V
VEE = 0V
VD = 1.35V
VCC = 5V
VEE = – 5V
VD = 0V
VCC = 5V
VEE = 0V
VD = 2.5V
Off-Channel Input Leakage
vs Temperature
TEMPERATURE (
°C)
–50
–25
0.0001
0.01
10
0
50
75
1380/93 G06
0.001
1
0.1
25
100
125
VCC = 5V
VEE = 0V
VS = 2.5V
VCC = 5V
VEE = –5V
VS = 0V
VCC = 2.7V
VEE = 0V
VS = 1.35V
On-Channel Output Leakage vs VD
VD (V)
– 4.5
0.010
– 2.5
– 0.5 0.5
4.5
1380/93 G05
0.008
0.006
0.004
0.002
0
– 0.002
– 0.004
– 0.006
– 0.008
– 0.010
– 3.5
–1.5
1.5 2.5 3.5
TA = 25°C
VCC = 5V
VEE = –5V
VCC = 5V
VEE = 0V
VCC = 2.7V
VEE = 0V
TEMPERATURE (
°C)
–50
0
25
75
100
125
250
175
0
50
75
1380/93 G01
50
200
225
150
–25
25
100
125
ID = 1mA
VCC = 2.7V
VEE = 0V
VS = 1.35V
VCC = 5V
VEE = 0V
VS = 2.5V
VCC = 5V
VEE = –5V
VS = 0V
On Resistance vs Temperature
VS (V)
– 4.5
0.0020
– 2.5
– 0.5 0.5
4.5
1380/93 G02
0.0018
0.0016
0.0014
0.0012
0.0010
0.0008
0.0006
0.0004
0.0002
0
– 3.5
–1.5
1.5 2.5 3.5
TA = 25°C
VCC = 5V
VEE = –5V
VCC = 5V
VEE = 0V
VCC = 2.7V
VEE = 0V
VD (V)
– 4.5
0.010
– 2.5
– 0.5 0.5
4.5
1380/93 G03
0.008
0.006
0.004
0.002
0
– 0.002
– 0.004
– 0.006
– 0.008
– 0.010
– 3.5
–1.5
1.5 2.5 3.5
TA = 25°C
VCC = 5V
VEE = –5V
VCC = 2.7V
VEE = 0V
VCC = 5V
VEE = 0V
Off-Channel Output Leakage vs VD
On-Channel Input Leakage
vs Temperature
TEMPERATURE (
°C)
–50
1
10
1000
25
75
1380/93 G08
0.1
0.01
–25
0
50
100
125
0.001
0.0001
100
VCC = 5V
VEE = – 5V
VS = 0V
VCC = 5V
VEE = 0V
VS = 2.5V
VCC = 2.7V
VEE = 0V
VS = 1.35V
TEMPERATURE (
°C)
–50
1
10
1000
25
75
1380/93 G09
0.1
0.01
–25
0
50
100
125
0.001
0.0001
100
VCC = 5V
VEE = – 5V
VD = 0V
VCC = 5V
VEE = 0V
VD = 2.5V
VCC = 2.7V
VEE = 0V
VD = 1.35V
Off-Channel Input Leakage vs VS
On-Channel Input Leakage vs VS
On-Channel Output Leakage
vs Temperature
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com