Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003 Datasheet(PDF) 15 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 15 Page - NEC

Back Button UPD703003 Datasheet HTML 11Page - NEC UPD703003 Datasheet HTML 12Page - NEC UPD703003 Datasheet HTML 13Page - NEC UPD703003 Datasheet HTML 14Page - NEC UPD703003 Datasheet HTML 15Page - NEC UPD703003 Datasheet HTML 16Page - NEC UPD703003 Datasheet HTML 17Page - NEC UPD703003 Datasheet HTML 18Page - NEC UPD703003 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
15
µPD703003
Data Sheet U12261EJ2V1DS00
3.1.9 Serial interface (SIO)
Four channels are comprised of two kinds of serial interfaces: an asynchronous serial interface (UART) and a clock-
synchronized serial interface (CSI). Two of these four channels are switchable between the UART and CSI and the
other two channels are fixed as CSI.
For UART, data is transferred via the TXD and RXD pins. The baud rate is determined by the on-chip baud rate
generator. For CSI, data is transferred via the SO, SI, and SCK pins. The baud rate can be determined by the on-
chip baud rate generator or it can be supplied from an external source.
One of the two CSI-fixed channels is used as the serial clock output, and serial output is sent via an N-ch open
drain output.
3.1.10 Pulse width modulation (PWM)
There are two channels of selectable 8/9/10/12-bit resolution PWM signal outputs. When a low pass filter is
externally connected, PWM output can be used as D/A converter output. This is suitable for actuator control
applications, such as in motors.
3.1.11 A/D converter (ADC)
This is a high-speed, high-resolution 10-bit A/D converter that includes eight analog input pins. It converts using
the sequential conversion method.
3.1.12 D/A converter (DAC)
This is an 8-bit resolution D/A converter that includes two channels. It converts using the R-2R conversion method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com