Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2860 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2860
Description  EMC guidelines for STM8 microcontrollers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2860 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2860 Datasheet HTML 2Page - STMicroelectronics AN2860 Datasheet HTML 3Page - STMicroelectronics AN2860 Datasheet HTML 4Page - STMicroelectronics AN2860 Datasheet HTML 5Page - STMicroelectronics AN2860 Datasheet HTML 6Page - STMicroelectronics AN2860 Datasheet HTML 7Page - STMicroelectronics AN2860 Datasheet HTML 8Page - STMicroelectronics AN2860 Datasheet HTML 9Page - STMicroelectronics AN2860 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Application design robustness
AN2860
6/17
Doc ID 15267 Rev 5
2
Application design robustness
Even though the STM8 has been designed for a high level of EMC robustness, the user
should be aware that the modern high-density CMOS technology used for the STM8 design
is commonly and naturally noise sensitive.
This factor must be taken into account in users’ projects: this is important to avoid steps
which could lead to a degradation of the EMC robustness, especially in applications working
in an “aggressive” environment.
Some specific requirements and recommendations are given in the rest of this chapter.
2.1
Power supply
The STM8S and STM8AF product families are designed for standard applications in the
3.3 V to 5 V (+/-10%) supply voltage range.
All power pins must be connected: VDD/VSS, VDDA/VSSA, VDDIOx/VSSIOx.
The VCAP pin is the regulator output used on STM8S and STM8AF devices only. It provides
the 1.8 V supply to the core and the peripherals. This pin must be decoupled with a
capacitance of at least 470 nF. If the capacitance of an applied capacitor drops under this
level due to temperature or lifetime changes or if a wrong capacitor value is connected, the
reset pin can toggle with a period of about 100 ms. To satisfy this minimum limit value, it is
recommended to use a capacitor with a higher capacitance (about 680 nF), taking into
account possible changes of this capacitance due to environment conditions and the period
of utilization.
The VLCD pin is used in the STM8L152xx and STM8AL31xx/STM8AL3Lxx devices to
provide a voltage from 2.5 V to 3.6 V to the built-in LCD drivers. An external capacitor from
0.1 to 2 µF must be connected to this pin to stabilize the LCD reference voltage.
For products with separated VDD and VDDIO1, it is mandatory to supply both pins and
strongly recommended to decouple both with a capacitor of 100 nF. VDDA and VDDIO2, when
present, must also be decoupled with a dedicated 100 nF capacitor.
Power supply connections are shown in the following diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com